Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYB15-Q24-D15 Datasheet(PDF) 1 Page - CUI INC

Part # PYB15-Q24-D15
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB15-Q24-D15 Datasheet(HTML) 1 Page - CUI INC

  PYB15-Q24-D15 Datasheet HTML 1Page - CUI INC PYB15-Q24-D15 Datasheet HTML 2Page - CUI INC PYB15-Q24-D15 Datasheet HTML 3Page - CUI INC PYB15-Q24-D15 Datasheet HTML 4Page - CUI INC PYB15-Q24-D15 Datasheet HTML 5Page - CUI INC PYB15-Q24-D15 Datasheet HTML 6Page - CUI INC PYB15-Q24-D15 Datasheet HTML 7Page - CUI INC PYB15-Q24-D15 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
cui.com
date 06/15/2015
page 1 of 8
SERIES: PYB15-T & PYB15-U
│ DESCRIPTION: DC-DC CONVERTER
date
page 1 of 8
FEATURES
• up to 15 W isolated output
• industry standard pinout
• 4:1 input range (9~36 Vdc, 18~75 Vdc)
• smaller package
• single/dual regulated outputs
• 1,500 Vdc isolation
• continuous short circuit, over current protection, over voltage protection
• reverse polarity protection on chassis mount (-T) models
• temperature range (-40~85°C)
• six-sided metal shielding
• efficiency up to 90%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PYB15-Q24-S3
24
9~36
3.3
200
4000
13.2
100
87
PYB15-Q24-S5
24
9~36
5
150
3000
15
100
90
PYB15-Q24-S12
24
9~36
12
63
1250
15
100
89
PYB15-Q24-S15
24
9~36
15
50
1000
15
100
89
PYB15-Q24-S24
24
9~36
24
31
625
15
100
90
PYB15-Q24-D5
24
9~36
±5
±75
±1500
15
100
86
PYB15-Q24-D12
24
9~36
±12
±32
±625
15
100
88
PYB15-Q24-D15
24
9~36
±15
±25
±500
15
100
88
PYB15-Q48-S3
48
18~75
3.3
200
4000
13.2
100
87
PYB15-Q48-S5
48
18~75
5
150
3000
15
100
89
PYB15-Q48-S12
48
18~75
12
63
1250
15
100
88
PYB15-Q48-S15
48
18~75
15
50
1000
15
100
90
PYB15-Q48-D5
48
18~75
±5
±75
±1500
15
100
86
PYB15-Q48-D12
48
18~75
±12
±32
±625
15
100
88
PYB15-Q48-D15
48
18~75
±15
±25
±500
15
100
89
Notes:
1. Ripple and noise are measured at 20 MHz BW by “parallel cable” method with 1 µF ceramic and 10 µF electrolytic capacitors on the output.
2. Efficiency is approximately 2% lower for chassis mount (-T) models.
PART NUMBER KEY
PYB15 - QXX - XXX - X - X
Input Voltage
Output Voltage
Heatsink
Mounting Type
Base Number
S = single
D = dual
"blank" = no heatsink
H = with heatsink
T = Chassis mount
U = U-frame
Output
For more information, please visit the product page.


Similar Part No. - PYB15-Q24-D15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PYB15-Q24-D15 CUI-PYB15-Q24-D15 Datasheet
469Kb / 7P
   DC-DC CONVERTER
PYB15-Q24-D15 CUI-PYB15-Q24-D15 Datasheet
800Kb / 8P
   DC-DC CONVERTER
PYB15-Q24-D15 CUI-PYB15-Q24-D15 Datasheet
1Mb / 7P
   DC-DC CONVERTER
08/18/2021
PYB15-Q24-D15 CUI-PYB15-Q24-D15 Datasheet
1Mb / 8P
   DC-DC CONVERTER
08/18/2021
PYB15-Q24-D15-DIN CUI-PYB15-Q24-D15-DIN Datasheet
834Kb / 7P
   DC-DC CONVERTER
More results

Similar Description - PYB15-Q24-D15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com