Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHK100W-Q48-S48 Datasheet(PDF) 2 Page - CUI INC

Part # VHK100W-Q48-S48
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK100W-Q48-S48 Datasheet(HTML) 2 Page - CUI INC

  VHK100W-Q48-S48 Datasheet HTML 1Page - CUI INC VHK100W-Q48-S48 Datasheet HTML 2Page - CUI INC VHK100W-Q48-S48 Datasheet HTML 3Page - CUI INC VHK100W-Q48-S48 Datasheet HTML 4Page - CUI INC VHK100W-Q48-S48 Datasheet HTML 5Page - CUI INC VHK100W-Q48-S48 Datasheet HTML 6Page - CUI INC VHK100W-Q48-S48 Datasheet HTML 7Page - CUI INC VHK100W-Q48-S48 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
CUI Inc
│ SERIES: VHK100W │ DESCRIPTION: DC-DC CONVERTER
date 12/16/2013
│ page 2 of 8
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 Vdc input models
48 Vdc input models
9
18
24
48
36
75
Vdc
Vdc
under voltage shutdown
24 Vdc input
power up
power down
8.8
8
Vdc
Vdc
48 Vdc input
power up
power down
17
16
Vdc
Vdc
CTRL1
positive logic
models ON (>3.5 Vdc or open circuit)
models OFF (0~1.8 Vdc)
negative logic
models ON (0~1.8 Vdc)
models OFF (>3.5 Vdc or open circuit)
filter
pi filter
input fuse
20A time delay fuse for 24 Vin models,
10A time delay fuse for 48 Vin models
Note:
1. Open collector refer to -Vin
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
3.3 and 5 V output models
12 V output models
15 V output models
24 & 28 V output models
48 V output models
47
20,000
8,300
6,700
2,200
470
μF
μF
μF
μF
μF
line regulation2
measured from high line to low line
±0.2
%
load regulation2
measured from full load to zero load
±0.2
%
voltage accuracy2
±1.5
%
adjustability
±10
%
switching frequency
250
kHz
transient response
25% step load change
500
µs
temperature coefficient
±0.03
%/°C
Note:
2. A 47 μF aluminum capacitor is required on the output for 48 Vdc output models.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous
over current protection
% nominal output current
110
140
%
over voltage protection
115
140
%
over temperature protection
shutdown
105
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute: input to output; input to case;
output to case
1,500
Vdc
isolation resistance
10
MΩ
RoHS
2011/65/EU (CE)
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
85
°C
storage temperature
-55
105
°C
For more information, please visit the product page.


Similar Part No. - VHK100W-Q48-S48

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK100W-Q48-S48 CUI-VHK100W-Q48-S48 Datasheet
876Kb / 10P
   chassis mount dc-dc converter
VHK100W-Q48-S48 CUI-VHK100W-Q48-S48 Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/06/2021
VHK100W-Q48-S48-DIN CUI-VHK100W-Q48-S48-DIN Datasheet
545Kb / 8P
   DC-DC CONVERTER
VHK100W-Q48-S48-DIN CUI-VHK100W-Q48-S48-DIN Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/06/2021
VHK100W-Q48-S48-DIN CUI-VHK100W-Q48-S48-DIN Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/06/2021
More results

Similar Description - VHK100W-Q48-S48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com