Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHK75W-Q24-S48-DIN Datasheet(PDF) 1 Page - CUI INC

Part # VHK75W-Q24-S48-DIN
Description  DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK75W-Q24-S48-DIN Datasheet(HTML) 1 Page - CUI INC

  VHK75W-Q24-S48-DIN Datasheet HTML 1Page - CUI INC VHK75W-Q24-S48-DIN Datasheet HTML 2Page - CUI INC VHK75W-Q24-S48-DIN Datasheet HTML 3Page - CUI INC VHK75W-Q24-S48-DIN Datasheet HTML 4Page - CUI INC VHK75W-Q24-S48-DIN Datasheet HTML 5Page - CUI INC VHK75W-Q24-S48-DIN Datasheet HTML 6Page - CUI INC VHK75W-Q24-S48-DIN Datasheet HTML 7Page - CUI INC VHK75W-Q24-S48-DIN Datasheet HTML 8Page - CUI INC VHK75W-Q24-S48-DIN Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
cui.com
date 06/16/2014
page 1 of 9
SERIES: VHK75W-DIN
│ DESCRIPTION: DC-DC CONVERTER
date 06/16/2014
page 1 of 9
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
range
(Vdc)
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VHK75W-Q24-S3R3-DIN
9 ~ 36
3.3
15
50
100
77
VHK75W-Q24-S5-DIN
9 ~ 36
5
15
75
100
80
VHK75W-Q24-S12-DIN
9 ~ 36
12
6.25
75
150
81.5
VHK75W-Q24-S15-DIN
9 ~ 36
15
5
75
150
82.5
VHK75W-Q24-S24-DIN
9 ~ 36
24
3.12
75
240
83
VHK75W-Q24-S48-DIN
9 ~ 36
48
1.56
75
480
80
VHK75W-Q48-S3R3-DIN
18 ~ 75
3.3
15
50
100
78
VHK75W-Q48-S5-DIN
18 ~ 75
5
15
75
100
81
VHK75W-Q48-S12-DIN
18 ~ 75
12
6.25
75
150
82.5
VHK75W-Q48-S15-DIN
18 ~ 75
15
5
75
150
83.5
VHK75W-Q48-S24-DIN
18 ~ 75
24
3.12
75
240
84
VHK75W-Q48-S48-DIN
18 ~ 75
48
1.56
75
480
82
Note:
1. Ripple and noise are measured at full load, 20 MHz BW with 10µF tantalum capacitor and 1µF ceramic capacitor across output. The 48 Vdc output models only require
the 1µF ceramic capacitor across the output.
FEATURES
• up to 75 W isolated output
• rugged metal enclosure with integrated heat sink
• 4:1 input range (9~36 Vdc, 18~75 Vdc)
• single output from 3.3~48 Vdc
• 1,500 Vdc isolation
• over current, over temperature, over voltage,
and short circuit protections
• remote on/off
• efficiency up to 84%
• comes with DIN-rail mount
VHK75W - QXX - SXXX - DIN
Input Voltage
Output Voltage
Base Number
Mounting Type
DIN = DIN-rail mount
Remote On/Off Control
"blank" = positive logic
N = negative logic
For more information, please visit the product page.


Similar Part No. - VHK75W-Q24-S48-DIN

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK75W-Q24-S48-DIN CUI-VHK75W-Q24-S48-DIN Datasheet
1Mb / 9P
   DC-DC CONVERTER
09/06/2021
More results

Similar Description - VHK75W-Q24-S48-DIN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com