Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHK50W Datasheet(PDF) 4 Page - CUI INC

Part # VHK50W
Description  DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK50W Datasheet(HTML) 4 Page - CUI INC

  VHK50W_13 Datasheet HTML 1Page - CUI INC VHK50W_13 Datasheet HTML 2Page - CUI INC VHK50W_13 Datasheet HTML 3Page - CUI INC VHK50W_13 Datasheet HTML 4Page - CUI INC VHK50W_13 Datasheet HTML 5Page - CUI INC VHK50W_13 Datasheet HTML 6Page - CUI INC VHK50W_13 Datasheet HTML 7Page - CUI INC VHK50W_13 Datasheet HTML 8Page - CUI INC VHK50W_13 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
cui.com
CUI Inc
│ SERIES: VHK50W │ DESCRIPTION: DC-DC CONVERTER
date
12/17/2013 │ page 4 of 9
0%
20%
40%
60%
80%
100%
120%
-40
5560
657075
8085
Ambient Temperature - degrees C
Natural
Convection
0.5 m/S
(100LFM)
1.0 m/S
(200LFM)
1.5 m/S
(300LFM)
2.0 m/S
(400LFM)
2.5 m/S
(500LFM)
3.0 m/S
(600LFM)
3.5 m/S
(700LFM)
VHK50W Power Derating Curves At Nominal Input
C4
DC/DC Converter
CASE
+Vo
-Vo
+Vin
C1
-Vin
L2
C3
C2
L1
+Vo
-Vo
+Vin
-Vin
-S
+S
DERATING CURVES
EMC RECOMMENDED CIRCUITS
Figure 1
Figure 2
Recommended Circuit for EN55022 Class A
(for all 3.3, 5, 12, 15, 24, & 28 Vdc output models)
EN55022 CLASS A
Table 1
TEST CONFIGURATION
C1
Cin
L1
To Oscilloscope
+Vin
-Vin
+Vo
-Vo
R-Load
Vin
+
-
Note:
Input reflected-ripple current is measured with an inductor L1 and Capacitor C1 to simulate source impedance.
External components
L1
12μH
C1
220μF, ESR < 0.1Ω at 100 KHz
Cin
100μF, ESR < 0.1Ω at 100 KHz
For more information, please visit the product page.


Similar Part No. - VHK50W_13

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK50W-DIN CUI-VHK50W-DIN Datasheet
596Kb / 9P
   DC-DC CONVERTER
VHK50W-DIN CUI-VHK50W-DIN Datasheet
1Mb / 9P
   DC-DC CONVERTER
08/31/2021
VHK50W-DIN CUI-VHK50W-DIN_V01 Datasheet
1Mb / 9P
   DC-DC CONVERTER
08/31/2021
VHK50W-Q24-S12 CUI-VHK50W-Q24-S12 Datasheet
958Kb / 11P
   chassis mount dc-dc converter
VHK50W-Q24-S12-DIN CUI-VHK50W-Q24-S12-DIN Datasheet
596Kb / 9P
   DC-DC CONVERTER
More results

Similar Description - VHK50W_13

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com