Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHK150W-Q24-S24-DIN Datasheet(PDF) 1 Page - CUI INC

Part # VHK150W-Q24-S24-DIN
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK150W-Q24-S24-DIN Datasheet(HTML) 1 Page - CUI INC

  VHK150W-Q24-S24-DIN Datasheet HTML 1Page - CUI INC VHK150W-Q24-S24-DIN Datasheet HTML 2Page - CUI INC VHK150W-Q24-S24-DIN Datasheet HTML 3Page - CUI INC VHK150W-Q24-S24-DIN Datasheet HTML 4Page - CUI INC VHK150W-Q24-S24-DIN Datasheet HTML 5Page - CUI INC VHK150W-Q24-S24-DIN Datasheet HTML 6Page - CUI INC VHK150W-Q24-S24-DIN Datasheet HTML 7Page - CUI INC VHK150W-Q24-S24-DIN Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
cui.com
date 06/18/2015
page 1 of 8
SERIES: VHK150W-DIN
│ DESCRIPTION: DC-DC CONVERTER
date
page 1 of 8
FEATURES
• up to 150 W isolated output
• rugged metal enclosure with integrated heat sink
• 4:1 input range (9~36 Vdc, 18~75 Vdc)
• single output from 5~48 Vdc
• 1,500 Vdc isolation
• over current, over temperature, over voltage,
and short circuit protections
• remote on/off
• efficiency up to 90%
• comes with DIN-rail mount
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
range
(Vdc)
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VHK150W-Q24-S5-DIN
9 ~ 36
5
25
125
100
87
VHK150W-Q24-S12-DIN
9 ~ 36
12
12.5
150
150
86
VHK150W-Q24-S15-DIN
9 ~ 36
15
10
150
150
86
VHK150W-Q24-S24-DIN
9 ~ 36
24
6.5
156
240
86.5
VHK150W-Q24-S28-DIN
9 ~ 36
28
5.4
150
280
87
VHK150W-Q24-S48-DIN
9 ~ 36
48
3.12
150
480
84
VHK150W-Q48-S5-DIN
18 ~ 75
5
25
125
100
90
VHK150W-Q48-S12-DIN
18 ~ 75
12
12.5
150
150
88
VHK150W-Q48-S15-DIN
18 ~ 75
15
10
150
150
88
VHK150W-Q48-S24-DIN
18 ~ 75
24
6.5
156
240
87.5
VHK150W-Q48-S28-DIN
18 ~ 75
28
5.4
150
280
89
VHK150W-Q48-S48-DIN
18 ~ 75
48
3.12
150
480
87
Note:
1. Ripple and noise are measured at full load, 20 MHz BW with 10µF tantalum capacitor and 1µF ceramic capacitor across output.
VHK150W - QXX - SXX X - DIN
Input Voltage
Base Number
Mounting Type
DIN = DIN-rail mount
Output Voltage
Remote On/Off Control
"blank" = positive logic
N = negative logic
For more information, please visit the product page.


Similar Part No. - VHK150W-Q24-S24-DIN

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK150W-Q24-S24-DIN CUI-VHK150W-Q24-S24-DIN Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/07/2021
More results

Similar Description - VHK150W-Q24-S24-DIN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com