Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHK150W-Q24-S15 Datasheet(PDF) 8 Page - CUI INC

Part # VHK150W-Q24-S15
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK150W-Q24-S15 Datasheet(HTML) 8 Page - CUI INC

  VHK150W-Q24-S15 Datasheet HTML 1Page - CUI INC VHK150W-Q24-S15 Datasheet HTML 2Page - CUI INC VHK150W-Q24-S15 Datasheet HTML 3Page - CUI INC VHK150W-Q24-S15 Datasheet HTML 4Page - CUI INC VHK150W-Q24-S15 Datasheet HTML 5Page - CUI INC VHK150W-Q24-S15 Datasheet HTML 6Page - CUI INC VHK150W-Q24-S15 Datasheet HTML 7Page - CUI INC VHK150W-Q24-S15 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CUI Inc
│ SERIES: VHK150W │ DESCRIPTION: DC-DC CONVERTER
date 06/18/2015
│ page 8 of 8
CUI offers a two (2) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical component is any component of a
life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
10/11/2006
1.01
new template applied
12/21/2011
1.02
misc. updates and corrections
03/13/2012
1.03
updated mechanical drawing
03/27/2012
1.04
V-Infinity branding removed
09/06/2012
1.05
added 28 V output models
11/05/2012
1.06
misc. updates, added 5 V output models for both 24 and 48 V inputs
11/16/2012
1.07
updated spec
03/14/2013
1.08
added trimming and EMI information
12/17/2013
1.09
updated spec
01/05/2015
1.10
updated derating curves
06/18/2015
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
For more information, please visit the product page.


Similar Part No. - VHK150W-Q24-S15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK150W-Q24-S15 CUI-VHK150W-Q24-S15 Datasheet
914Kb / 9P
   chassis mount dc-dc converter
VHK150W-Q24-S15 CUI-VHK150W-Q24-S15 Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/07/2021
VHK150W-Q24-S15-DIN CUI-VHK150W-Q24-S15-DIN Datasheet
543Kb / 8P
   DC-DC CONVERTER
VHK150W-Q24-S15-DIN CUI-VHK150W-Q24-S15-DIN Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/07/2021
More results

Similar Description - VHK150W-Q24-S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com