Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHK200W-Q24-S15 Datasheet(PDF) 2 Page - CUI INC

Part # VHK200W-Q24-S15
Description  DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK200W-Q24-S15 Datasheet(HTML) 2 Page - CUI INC

  VHK200W-Q24-S15 Datasheet HTML 1Page - CUI INC VHK200W-Q24-S15 Datasheet HTML 2Page - CUI INC VHK200W-Q24-S15 Datasheet HTML 3Page - CUI INC VHK200W-Q24-S15 Datasheet HTML 4Page - CUI INC VHK200W-Q24-S15 Datasheet HTML 5Page - CUI INC VHK200W-Q24-S15 Datasheet HTML 6Page - CUI INC VHK200W-Q24-S15 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
CUI Inc
│ SERIES: VHK200W │ DESCRIPTION: DC-DC CONVERTER
date 12/16/2013
│ page 2 of 7
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 Vdc input models
48 Vdc input models
10
18
24
48
36
75
Vdc
Vdc
under voltage shutdown
24 Vdc input
power up
power down
9.5
8.5
Vdc
Vdc
48 Vdc input
power up
power down
17
16
Vdc
Vdc
CTRL1
positive logic
models ON (>3.5 Vdc or open circuit)
models OFF (0~1.2 Vdc)
negative logic
models ON (0~1.2 Vdc)
models OFF (>3.5 Vdc or open circuit)
filter
pifilter
input fuse
40A time delay fuse for 24 Vin models,
20A time delay fuse for 48 Vin models
Note:
1. Open collector refer to -Vin
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
12, 15, & 24 V output models
28 V output models
48 V output models
100
47
2,200
2,200
2,200
μF
μF
μF
line regulation2
measured from low line to high line
±0.2
%
load regulation2
measured from zero load to full load
±0.2
%
voltage accuracy
±1.5
%
adjustability
±10
%
switching frequency
250
kHz
transient response
25% step load change
500
µs
temperaturecoefficient
±0.03
%/°C
Note:
2.A100μFaluminumcapacitorisrequiredontheoutputforthe28Vdcoutputmodels.A47μFaluminumcapacitorisrequiredontheoutputfor48Vdcoutputmodels.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous
over current protection
at 90% output voltage
110
160
%
over voltage protection
115
140
%
over temperature protection
shutdown
110
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute: input to output; input to case;
output to case
1,500
Vdc
isolation resistance
10
MΩ
RoHS
2011/65/EU (CE)
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
85
°C
storage temperature
-55
105
°C
For more information, please visit the product page.


Similar Part No. - VHK200W-Q24-S15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK200W-Q24-S15 CUI-VHK200W-Q24-S15 Datasheet
830Kb / 10P
   chassis mount dc-dc converter
VHK200W-Q24-S15 CUI-VHK200W-Q24-S15 Datasheet
1Mb / 7P
   DC-DC CONVERTER
09/07/2021
VHK200W-Q24-S15-DIN CUI-VHK200W-Q24-S15-DIN Datasheet
691Kb / 7P
   DC-DC CONVERTER
VHK200W-Q24-S15-DIN CUI-VHK200W-Q24-S15-DIN Datasheet
1Mb / 7P
   DC-DC CONVERTER
09/07/2021
More results

Similar Description - VHK200W-Q24-S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com