Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39212B8524P810 Datasheet(PDF) 6 Page - TDK Electronics

Part # B39212B8524P810
Description  SAW Components SAW Duplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39212B8524P810 Datasheet(HTML) 6 Page - TDK Electronics

Back Button B39212B8524P810 Datasheet HTML 2Page - TDK Electronics B39212B8524P810 Datasheet HTML 3Page - TDK Electronics B39212B8524P810 Datasheet HTML 4Page - TDK Electronics B39212B8524P810 Datasheet HTML 5Page - TDK Electronics B39212B8524P810 Datasheet HTML 6Page - TDK Electronics B39212B8524P810 Datasheet HTML 7Page - TDK Electronics B39212B8524P810 Datasheet HTML 8Page - TDK Electronics B39212B8524P810 Datasheet HTML 9Page - TDK Electronics B39212B8524P810 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
July 12, 2013
B8524
1732.5 / 2132.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Characteristics for W-CDMA Band 4
Temperature range for specification:
T
= –15 ˚C to +80 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 2.6nH
RX terminating impedance:
ZRX = 100 Ω (balanced) || 18nH
TX terminating impedance:
ZTX =50 Ω
B8524
Characteristics Tx - Rx
min.
typ.
@ 25 ˚C
max.
Differential Mode Isolation
α
1574.0
... 1577.0
MHz
40
68
dB
@fCarrier 1712.4 ... 1752.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (10).
55
59
dB
@fCarrier 2112.4 ... 2152.6
MHz
α
WCDMA
1)
50
57
dB
3410.0
... 3520.0
MHz
20
60
dB
5120.0
... 5275.0
MHz
20
55
dB
Common Mode Isolation
α
@fCarrier 1712.4 ... 1752.6
MHz
α
WCDMA
1)
46
51
dB


Similar Part No. - B39212B8524P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39212B8517P810 TDK-B39212B8517P810 Datasheet
214Kb / 13P
   SAW Components SAW Duplexer
B39212B8563P810 TDK-B39212B8563P810 Datasheet
238Kb / 17P
   SAW Components SAW Duplexer
B39212B8571P810 TDK-B39212B8571P810 Datasheet
234Kb / 17P
   SAW Components SAW Duplexer
More results

Similar Description - B39212B8524P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B8522P810 TDK-B39202B8522P810 Datasheet
347Kb / 13P
   SAW Components SAW Duplexer
B39202B8607P810 TDK-B39202B8607P810 Datasheet
210Kb / 12P
   SAW Components SAW Duplexer
B39202B8618P810 TDK-B39202B8618P810 Datasheet
350Kb / 13P
   SAW Components SAW Duplexer
B39212B8651P810 TDK-B39212B8651P810 Datasheet
388Kb / 17P
   SAW Components SAW Duplexer
B39851B8581P810 TDK-B39851B8581P810 Datasheet
229Kb / 12P
   SAW Components SAW Duplexer
B39741B4407P810 TDK-B39741B4407P810 Datasheet
182Kb / 11P
   SAW Components SAW Duplexer
B39851B8633P810 TDK-B39851B8633P810 Datasheet
178Kb / 12P
   SAW Components SAW Duplexer
B39791B7929P810 TDK-B39791B7929P810 Datasheet
197Kb / 11P
   SAW Components SAW Duplexer
B39741B8526P810 TDK-B39741B8526P810 Datasheet
239Kb / 15P
   SAW Components SAW Duplexer
B39741B8570P810 TDK-B39741B8570P810 Datasheet
225Kb / 13P
   SAW Components SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com