Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39202B9918P810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39202B9918P810
Description  SAW Components SAW 2in1 filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9918P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39202B9918P810 Datasheet HTML 1Page - TDK Electronics B39202B9918P810 Datasheet HTML 2Page - TDK Electronics B39202B9918P810 Datasheet HTML 3Page - TDK Electronics B39202B9918P810 Datasheet HTML 4Page - TDK Electronics B39202B9918P810 Datasheet HTML 5Page - TDK Electronics B39202B9918P810 Datasheet HTML 6Page - TDK Electronics B39202B9918P810 Datasheet HTML 7Page - TDK Electronics B39202B9918P810 Datasheet HTML 8Page - TDK Electronics B39202B9918P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
January 23, 2014
B9918
1900.0 / 2017.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW 2in1 filter
Data sheet
Application
s
Low-loss 2in1 RF filter for mobile telephone
Band 39 and Band 34 systems
s
Usable passband:
Band 39: 40 MHz
Band 34: 15 MHz
s
Unbalanced to balanced operation for both filters
s
Impedance transformation from 50
Ω to 100 Ω for
both filters
s
Low amplitude ripple
Features
s
Package size 1.5 x 1.1 mm2
s
Maximum package height 0.45 mm
s
RoHS compatible
s
Approx. weight 0.003g.
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitive Level 3
0.18
0.39
bottom view
0.075
0.21
6
7
8
9
10
5
1234
side view
top view
0.49
4
23
98
7
6
1
5
10
1.5
Pin configuration
s
1
Input [Band 39]
s
4
Input [Band 34]
s
6,7
Output balanced [Band 34]
s
8,9
Output balanced [Band 39]
s
2,3,5,10
Case ground
2,3,5,10
4
1
8
7
6
9


Similar Part No. - B39202B9918P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B9915P810 TDK-B39202B9915P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
More results

Similar Description - B39202B9918P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B4383P810 TDK-B39202B4383P810 Datasheet
209Kb / 13P
   SAW Components SAW 2in1 filter
B39202B9816P810 TDK-B39202B9816P810 Datasheet
173Kb / 12P
   SAW Components SAW 2in1 filter
B39202B9825P810 TDK-B39202B9825P810 Datasheet
256Kb / 12P
   SAW Components SAW 2in1 filter
B39202B9915P810 TDK-B39202B9915P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9818P810 TDK-B39202B9818P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9520P810 TDK-B39202B9520P810 Datasheet
168Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9808P810 TDK-B39202B9808P810 Datasheet
230Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39212B9912P810 TDK-B39212B9912P810 Datasheet
190Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9807P810 TDK-B39202B9807P810 Datasheet
307Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9804P810 TDK-B39202B9804P810 Datasheet
184Kb / 12P
   SAW Components SAW Rx 2in1 filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com