Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39202B9825P810 Datasheet(PDF) 7 Page - TDK Electronics

Part # B39202B9825P810
Description  SAW Components SAW 2in1 filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9825P810 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B39202B9825P810 Datasheet HTML 3Page - TDK Electronics B39202B9825P810 Datasheet HTML 4Page - TDK Electronics B39202B9825P810 Datasheet HTML 5Page - TDK Electronics B39202B9825P810 Datasheet HTML 6Page - TDK Electronics B39202B9825P810 Datasheet HTML 7Page - TDK Electronics B39202B9825P810 Datasheet HTML 8Page - TDK Electronics B39202B9825P810 Datasheet HTML 9Page - TDK Electronics B39202B9825P810 Datasheet HTML 10Page - TDK Electronics B39202B9825P810 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Feb 20, 2012
B9825
1900.0 / 2017.5 MHz
SAW Components
SAW 2in1 filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics of Filter 2 ( TD-SCDMA 2100 )
Temperature range for specification:
T
=
-30 ˚C to +85 ˚C
Terminating source impedance:
ZS =
50
Terminating load impedance:
ZL =
100
min.
typ.
@25˚C
max.
Center frequency
fC
2017.5
MHz
Maximum insertion attenuation
α
max
2010.0
... 2025.0
MHz
1.6
2.1
dB
Amplitude ripple (p-p)
∆α
2010.0
... 2025.0
MHz
0.5
1.0
dB
Input VSWR
2010.0
... 2025.0
MHz
1.3
2.0
Output VSWR
2010.0
... 2025.0
MHz
1.3
2.0
Common mode rejection ratio
2010.0
... 2025.0
MHz
20
28
dB
Attenuation
α
10.0 ... 1815.0
MHz
35
47
dB
1815.0 ... 1840.0
MHz
35
45
dB
1840.0 ... 1895.0
MHz
30
40
dB
1925.0 ... 1980.0
MHz
17
26
dB
2050.0 ... 2085.0
MHz
10
17
dB
2085.0 ... 2110.0
MHz
20
25
dB
2110.0 ... 6000.0
MHz
25
29
dB


Similar Part No. - B39202B9825P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B9821P810 TDK-B39202B9821P810 Datasheet
168Kb / 12P
   SAW Components SAW 2in1 input diplex filter
B39202B9823P810 TDK-B39202B9823P810 Datasheet
209Kb / 12P
   SAW Components SAW Rx 2in1 diplex filter
More results

Similar Description - B39202B9825P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B4383P810 TDK-B39202B4383P810 Datasheet
209Kb / 13P
   SAW Components SAW 2in1 filter
B39202B9918P810 TDK-B39202B9918P810 Datasheet
173Kb / 12P
   SAW Components SAW 2in1 filter
B39202B9816P810 TDK-B39202B9816P810 Datasheet
173Kb / 12P
   SAW Components SAW 2in1 filter
B39202B9915P810 TDK-B39202B9915P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9818P810 TDK-B39202B9818P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9520P810 TDK-B39202B9520P810 Datasheet
168Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9808P810 TDK-B39202B9808P810 Datasheet
230Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39212B9912P810 TDK-B39212B9912P810 Datasheet
190Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9807P810 TDK-B39202B9807P810 Datasheet
307Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9804P810 TDK-B39202B9804P810 Datasheet
184Kb / 12P
   SAW Components SAW Rx 2in1 filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com