Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD30V12D-A Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # ESD30V12D-A
Description  Transient Voltage Suppressors for ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD30V12D-A Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  ESD30V12D-A Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD30V12D-A Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD30V12D-A Datasheet HTML 3Page - Socay Electornics Co., Ltd. ESD30V12D-A Datasheet HTML 4Page - Socay Electornics Co., Ltd. ESD30V12D-A Datasheet HTML 5Page - Socay Electornics Co., Ltd. ESD30V12D-A Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Transient Voltage Suppressors for ESD Protection
Revision September 25, 2013
5 / 6
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SOD123 Series TVS/ESD
SOCAY Electronics Co., Ltd.
www.socay.com
Inches
Millimeters
Dimensions
Min
Max
Min
Max
A
0.031
0.044
0.77
1.09
B
0.1
0.112
2.51
2.81
C
0.055
0.071
1.38
1.78
D
0.140
0.152
3.51
3.82
E
0.037
0.053
0.93
1.33
F
0.01
-
0.25
-
G
-
0.008
-
0.20
Part Number
Component
Package
Quantity
Packaging Option
Packaging
Specification
ESD12DXXV-A/C
SOD-123
3000
Tape & Reel -12mm/7
″tape
EIA STD RS-481
ESD12D
×× V -A
Uni-directional
VRwm
SOD-123
ESD SERIES
Dimensions
Part Numbering
Part Marking
Packaging
Marking Code
Cathode Band
SOD-123
Cathode Band


Similar Part No. - ESD30V12D-A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ESD30V12D-A SOCAY-ESD30V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD30V12D-A SOCAY-ESD30V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD30V12D-A SOCAY-ESD30V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD30V12D-A SOCAY-ESD30V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD30V12D-A SOCAY-ESD30V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD30V12D-A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com