Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD11V12D-C Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # ESD11V12D-C
Description  Transient Voltage Suppressors for ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD11V12D-C Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  ESD11V12D-C Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD11V12D-C Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD11V12D-C Datasheet HTML 3Page - Socay Electornics Co., Ltd. ESD11V12D-C Datasheet HTML 4Page - Socay Electornics Co., Ltd. ESD11V12D-C Datasheet HTML 5Page - Socay Electornics Co., Ltd. ESD11V12D-C Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Transient Voltage Suppressors for ESD Protection
Revision September 25, 2013
3 / 6
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SOD123 Series TVS/ESD
SOCAY Electronics Co., Ltd.
www.socay.com
Fig1
– 10/1000 μs Pulse Waveform
Fig3 - Pulse Derating Curve
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
0
25
50
75
100
125
150
175
100
80
60
40
20
0
TA-Ambient temperature(°C)
Fig5 - ESD Clamping (+8KV Contac per IEC61000-4-2)
Fig2 - ESD Pulse Waveform (according to IEC 61000-4-2)
Fig6 - ESD Clamping (-8KV Contac per IEC61000-4-2)
1.0
10.0
100.0
1000.0
100000
1000
100
1
VBR-Reverse Breakdown Voltage (V)
10
10000
Tj=25
°C
f=1.0MHz
Vsig=50mVp-p
Bi-directional
@zero bins
Uni-directional
@zero bins
Uni-directional @VRWM
Bi-directional @VRWM
60ns
10%
30ns
tr = 0.7~1ns
Time
(ns)
90%
100%
Fig4 - Typical Junction Capacitance
150
100
50
0
tr=10µsec
Peak Value
IPPM
Half Value
IPPM (IPPM/2)
tc
10/1000
µsec. Waveform
as de
fined by R.E.A
0
1.0
2.0
3.0
4.0
TJ=25°C
Pulse Width(td) is de
fined
as the point where the peak
current decays to 50% of IPPM
t - Time (ms)


Similar Part No. - ESD11V12D-C

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ESD11V12D-C SOCAY-ESD11V12D-C Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD11V12D-C SOCAY-ESD11V12D-C Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD11V12D-C SOCAY-ESD11V12D-C Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD11V12D-C SOCAY-ESD11V12D-C Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD11V12D-C SOCAY-ESD11V12D-C Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD11V12D-C

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com