Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9451GQW Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9451GQW
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451GQW Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9451GQW Datasheet HTML 6Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 7Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 8Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 9Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 10Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 11Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 12Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 13Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
RT9451
10
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
RT9451
26 to 30
10µF
10µF
100nF
2.2µH
+ Battery
VDDP
ISENL
BATS
ISENR
STAT
LX
LDO
VIN
DP
VIO
BOOT
INT
18
System
20m
CSENL
14
15
13
VIN
10µF
1 to 4
16
19
VBAT
11
5
6
7
20, 33 (Exposed Pad)
CIN
1µF
CLDO
1µF
CVDDP
DM
8
RSTAT
RINT
0.1µF
CSENR
0.1µF
RSENSE
CSYS1
CSYS2
L
CBOOT
SDA
SCL
10
9
MID
10µF
31, 32
CMID
MID_LDO
1µF
17
CMID_LDO
OTG
12
PGND
GND
21 to 25
2.2µF
CBAT


Similar Part No. - RT9451GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9451GQW RICHTEK-RT9451GQW Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
More results

Similar Description - RT9451GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
logo
Texas Instruments
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com