Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39202B9800J610 Datasheet(PDF) 4 Page - TDK Electronics

Part # B39202B9800J610
Description  SAW Components SAW Rx 2in1 filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9800J610 Datasheet(HTML) 4 Page - TDK Electronics

  B39202B9800J610 Datasheet HTML 1Page - TDK Electronics B39202B9800J610 Datasheet HTML 2Page - TDK Electronics B39202B9800J610 Datasheet HTML 3Page - TDK Electronics B39202B9800J610 Datasheet HTML 4Page - TDK Electronics B39202B9800J610 Datasheet HTML 5Page - TDK Electronics B39202B9800J610 Datasheet HTML 6Page - TDK Electronics B39202B9800J610 Datasheet HTML 7Page - TDK Electronics B39202B9800J610 Datasheet HTML 8Page - TDK Electronics B39202B9800J610 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
August 05, 2009
B9800
1842.5 / 1960.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx 2in1 filter
Data sheet
Maximum ratings of Filter 1
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Input power at
GSM 850, GSM 900
PIN
15
dBm
effective power in the on-state,
GSM 1800, GSM 1900
PIN
15
dBm
duty cycle 4:8
Tx bands


Similar Part No. - B39202B9800J610

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B9804P810 TDK-B39202B9804P810 Datasheet
184Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9807P810 TDK-B39202B9807P810 Datasheet
307Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9808P810 TDK-B39202B9808P810 Datasheet
230Kb / 12P
   SAW Components SAW Rx 2in1 filter
More results

Similar Description - B39202B9800J610

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B9915P810 TDK-B39202B9915P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9818P810 TDK-B39202B9818P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9520P810 TDK-B39202B9520P810 Datasheet
168Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9808P810 TDK-B39202B9808P810 Datasheet
230Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39212B9912P810 TDK-B39212B9912P810 Datasheet
190Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9807P810 TDK-B39202B9807P810 Datasheet
307Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9804P810 TDK-B39202B9804P810 Datasheet
184Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9823P810 TDK-B39202B9823P810 Datasheet
209Kb / 12P
   SAW Components SAW Rx 2in1 diplex filter
B39202B9870P810 TDK-B39202B9870P810 Datasheet
210Kb / 12P
   SAW Components SAW Rx 2in1 input diplex filter
logo
EPCOS
B4231 EPCOS-B4231 Datasheet
171Kb / 12P
   SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com