Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFS50N06A Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HFS50N06A
Description  60V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS50N06A Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HFS50N06A Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS50N06A Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS50N06A Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS50N06A Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS50N06A Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS50N06A Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS50N06A Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics T
J=25
C unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
I
S
Continuous Source-Drain Diode Forward Current
--
--
50
A
I
SM
Pulsed Source-Drain Diode Forward Current
--
--
200
V
SD
Source-Drain Diode Forward Voltage
I
S = 50 A, VGS = 0 V
--
--
1.5
V
trr
Reverse Recovery Time
I
S = 50 A, VGS = 0 V
di
F/dt = 100 A/
--
45
--
Qrr
Reverse Recovery Charge
--
70
--
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250
60
--
--
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 60 V, VGS = 0 V
--
--
1
V
DS = 48 V, TJ = 125
--
--
10
I
GSS
Gate-Body Leakage Current
V
GS =
25 V, V
DS = 0 V
--
--
100
Off Characteristics
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
1290
1675
C
oss
Output Capacitance
--
445
580
C
rss
Reverse Transfer Capacitance
--
84
110
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 30 V, ID = 25 A,
R
G = 25
--
15
40
t
r
Turn-On Rise Time
--
105
220
t
d(off)
Turn-Off Delay Time
--
80
180
t
f
Turn-Off Fall Time
--
85
180
Q
g
Total Gate Charge
V
DS = 48 V, ID = 50 A
V
GS = 10 V
--
27
34
nC
Q
gs
Gate-Source Charge
--
5.0
--
nC
Q
gd
Gate-Drain Charge
--
10.2
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics
Notes ;
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=230 H, I
AS=50A, VDD=25V, RG=25
, Starting T
J =25 C
3. Pulse Test : Pulse Width
4. Essentially Independent of Operating Temperature
On Characteristics
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 250
2.0
--
4.0
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 25 A
--
18
22
m
g
FS
Forward Transconductance
V
DS = 25 V, ID = 25 A
--
22
--
S


Similar Part No. - HFS50N06A

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS50N06A SEMIHOW-HFS50N06A Datasheet
374Kb / 9P
   60V N-Channel MOSFET
More results

Similar Description - HFS50N06A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com