Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQA50-D24-S5-T Datasheet(PDF) 6 Page - CUI INC

Part # PQA50-D24-S5-T
Description  DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQA50-D24-S5-T Datasheet(HTML) 6 Page - CUI INC

  PQA50-D24-S5-T Datasheet HTML 1Page - CUI INC PQA50-D24-S5-T Datasheet HTML 2Page - CUI INC PQA50-D24-S5-T Datasheet HTML 3Page - CUI INC PQA50-D24-S5-T Datasheet HTML 4Page - CUI INC PQA50-D24-S5-T Datasheet HTML 5Page - CUI INC PQA50-D24-S5-T Datasheet HTML 6Page - CUI INC PQA50-D24-S5-T Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PQA50-T │ DESCRIPTION: DC-DC CONVERTER
date 07/15/2015
│ page 6 of 7
1. Requirement on output load
Toensurethismodulecanoperateefficientlyandreliably,theminimumoutputloadcannotbelessthan5%ofthefullloadduring
operation. If the actual output power is small, please connect a resistor at the output end in parallel to increase the load.
2. Recommended circuit
This series has been tested according to the following recommended testing circuit before leaving the factory. This series should be
testedunderload(seeFigure3).Ifyouwanttofurtherdecreasetheinput/outputripple,youcanincreasecapacitanceproperlyor
choose capacitors with low ESR (see table 3). However, the capacitance must not exceed the maximum capacitive load or a start-up
problem might arise (see table 4).
3. Output Voltage Trimming
Leave open if not used.
FormulaforTrimResistor
Application Circuit for Trim Pin
(part in broken line is the interior of models)
Note: Value for R1, R2, R3, and Vref (see Table 5)
R
T: Trim Resistor
a:User-definedparameter,noactualmeanings
Vo': The trim up/down voltage
up:
a=
Vref
Vo’-Vref
R1
R=
aR2
R-a
2
-R3
down:
a=
Vref
Vo’-Vref
R2
R=
T
T
aR1
R-a
1
-R3
APPLICATION NOTES
Figure 3
Table 3
Table 4
Table 5
Figure 4
Vout
(Vdc)
Cin
(µF)
Cout
(µF)
3.3
100
220
5
100
220
12
100
100
15
100
100
24
100
47
Notes:
1. Minimum load shouldn't be less than 5%, otherwise ripple may increase dramatically. Operation under minimum load will not damage the converter, however, they may
notmeetallspecificationslisted.
2. Maximum capacitive load is tested at input voltage range and full load.
3.AllspecificationsaremeasuredatTa=25°C,humidity<75%,nominalinputvoltageandratedoutputloadunlessotherwisespecified.
+Vo
0V
R2
R1
R3
Vref
RT
Trim
0V
R2
R1
R3
Vref
RT
Trim
+Vo
Trim up
Trim down
DC
DC
Vin
GND
+Vout
0V
Cin
Vout
(Vdc)
Max.
Capacitive Load
(μF)
3.3
27000
5
18900
12
3700
15
2000
24
1000
Vout
(Vdc)
R1
(kΩ)
R2
(kΩ)
R3
(kΩ)
Vref
(V)
3.3
4.788
2.87
15
1.24
5
2.87
2.87
12.1
2.5
12
11
2.87
22
2.5
15
15
3
22
2.5
24
20
2.308
15
2.5
For more information, please visit the product page.


Similar Part No. - PQA50-D24-S5-T

ManufacturerPart #DatasheetDescription
logo
CUI INC
PQA50-D24-S5-T CUI-PQA50-D24-S5-T Datasheet
1Mb / 7P
   DC-DC CONVERTER
08/31/2021
More results

Similar Description - PQA50-D24-S5-T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com