Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLDS100-A-277 Datasheet(PDF) 6 Page - CUI INC

Part # PLDS100-A-277
Description  LED DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PLDS100-A-277 Datasheet(HTML) 6 Page - CUI INC

  PLDS100-A-277 Datasheet HTML 1Page - CUI INC PLDS100-A-277 Datasheet HTML 2Page - CUI INC PLDS100-A-277 Datasheet HTML 3Page - CUI INC PLDS100-A-277 Datasheet HTML 4Page - CUI INC PLDS100-A-277 Datasheet HTML 5Page - CUI INC PLDS100-A-277 Datasheet HTML 6Page - CUI INC PLDS100-A-277 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 09/23/2014
page 6 of 7
CUI Inc
│ SERIES: PLDS100 │ DESCRIPTION: LED DRIVER
2. Output Voltage/Output Current Adjustment
For the PLDS100-X-277XXB models there are two potentiometers to adjust the output voltage/output current. Each potentiometer
has 11 tick marks, please refer to the below diagram and tables for specific values. Maximum output power is 100W.
Note:
1. All specifications are measured at Ta=25°C, 115/230 Vac input voltage, and 75% rated output load unless otherwise specified.
APPLICATION NOTES (CONTINUED)
A
A
DETAIL VIEW
11
10
9
8
7
6
1
2
3
4
5
11
10
9
8
7
6
1
2
3
4
5
Output Current (Iout)
Tick #
PLDS100-A-277XXB
PLDS100-B-277XXB
PLDS100-C-277XXB
PLDS100-D-277XXB
1
8.5A
4.3A
2.9A
2.2A
2
8.5A
4.3A
2.9A
2.2A
3
8.1A
4.2A
2.8A
2.1A
4
7.7A
4.0A
2.7A
2.0A
5
7.4A
3.7A
2.5A
1.9A
6
6.8A
3.4A
2.3A
1.8A
7
6.5A
3.1A
2.1A
1.6A
8
6.0A
2.9A
2.0A
1.5A
9
5.7A
2.7A
1.8A
1.4A
10
5.2A
2.4A
1.5A
1.3A
11
5.2A
2.4A
1.5A
1.3A
Output Voltage (Vout)
Tick #
PLDS100-A-277XXB
PLDS100-B-277XXB
PLDS100-C-277XXB
PLDS100-D-277XXB
1
10.6V
21.3V
32.1V
42.2V
2
10.6V
21.3V
32.1V
42.2V
3
10.8V
21.6V
32.7V
43.4V
4
11.0V
22.0V
33.5V
44.3V
5
11.4V
22.7V
34.5V
45.5V
6
11.7V
23.5V
35.4V
47.4V
7
12.1V
24.2V
36.7V
49.0V
8
12.5V
25.0V
37.6V
50.0V
9
12.8V
25.6V
38.6V
51.2V
10
13.3V
26.6V
40.0V
53.5V
11
13.3V
26.6V
40.0V
53.5V
For more information, please visit the product page.


Similar Part No. - PLDS100-A-277

ManufacturerPart #DatasheetDescription
logo
CUI INC
PLDS60 CUI-PLDS60 Datasheet
1Mb / 7P
   LED DRIVER
PLDS60-A-277 CUI-PLDS60-A-277 Datasheet
1Mb / 7P
   LED DRIVER
PLDS60-B-277 CUI-PLDS60-B-277 Datasheet
1Mb / 7P
   LED DRIVER
PLDS60-C-277 CUI-PLDS60-C-277 Datasheet
1Mb / 7P
   LED DRIVER
PLDS60-D-277 CUI-PLDS60-D-277 Datasheet
1Mb / 7P
   LED DRIVER
More results

Similar Description - PLDS100-A-277

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com