Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VF-S320-15A-CFS Datasheet(PDF) 2 Page - CUI INC

Part # VF-S320-15A-CFS
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VF-S320-15A-CFS Datasheet(HTML) 2 Page - CUI INC

  VF-S320-15A-CFS Datasheet HTML 1Page - CUI INC VF-S320-15A-CFS Datasheet HTML 2Page - CUI INC VF-S320-15A-CFS Datasheet HTML 3Page - CUI INC VF-S320-15A-CFS Datasheet HTML 4Page - CUI INC VF-S320-15A-CFS Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VF-S320-XXA-CFS │ DESCRIPTION: AC-DC POWER SUPPLY
date 04/23/2013
│ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90-132/180-264 auto selectable
90/180
132/264
Vac
frequency
47
63
Hz
current
at 100~120 Vac, cold start
at 200~240 Vac, cold start
8
4
A
A
inrush current
at 115 Vac, full load, cold start
at 230 Vac, full load, cold start
35
70
A
A
power factor
compliant to EN 61000-3-2 class A
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
low line to high line
±1
%
load regulation
all other outputs
±1
%
temperaturecoefficient
0.25
mV/°C
transient response
Output voltage returns to within 1% in less than 2.5 ms for a 50% load change.
Peak transient does not exceed 5%.
start-up time
at 120 Vac
1
s
rise time
0.2
20
ms
hold-up time
at 120 Vac and 80% of rated maximim load
20
ms
adjustability
±5
%
power good
Designated as PG on the CN1.
This signal goes high 100-500 mS after the output reaches regulation.
It goes low at least 1 mS before loss of regulation.
fan drive
12 Vdc / 300 mA for external fan
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
AC input needs to be reset to restart the power supply.
130
%
over current protection
automatically recovers
110
140
%
short circuit protection
short circuit can be continuous, recovers automatically upon removal of short
over temperature protection
auto recovery
85
°C
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
applied for 3 seconds at 10 mA max.
primary to secondary
primary to transformer core
primary to earth chassis
3,000
1,500
1,500
Vac
Vac
Vac
safety approvals
UL 60950-1, CSA C22.2 No. 60950-1-03, TUV EN 60950-1, CE Mark (LVD)
EN 61000-3-(2,3) & IEC 61000-4 Series regulations and CB
EMI/EMC
pass FCC Part 15, CISPR 22 class B, conducted
leakage current
at 240 Vac
at 120 Vac
500
300
μA
μA
RoHS compliant
yes
MTBF
according to MIL-HDBK-217 at 30 ºC
100,000
hrs
For more information, please visit the product page.


Similar Part No. - VF-S320-15A-CFS

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-S320-15A-CFS CUI-VF-S320-15A-CFS Datasheet
712Kb / 5P
   AC-DC POWER SUPPLY
VF-S320-15A-CFS CUI-VF-S320-15A-CFS Datasheet
667Kb / 5P
   AC-DC POWER SUPPLY
04/21/2021
More results

Similar Description - VF-S320-15A-CFS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com