Electronic Components Datasheet Search |
|
VF-D320-D512A-CFS Datasheet(PDF) 1 Page - CUI INC |
|
VF-D320-D512A-CFS Datasheet(HTML) 1 Page - CUI INC |
1 / 5 page cui.com date 05/08/2013 page 1 of 5 SERIES: VF-D320-DXXA-CFS │ DESCRIPTION: AC-DC POWER SUPPLY MODEL output voltage output current output1 power ripple and noise 2,3 efficiency (Vdc) max (A) max (W) max (mVp-p) typ (%) VF-D320-D512A-CFS 5 12 30 16.67 250 50 120 75% VF-D320-D524A-CFS 5 24 30 8.33 250 50 240 75% VF-D320-D548A-CFS 5 48 30 4.16 250 50 480 75% VF-D320-D1224A-CFS 12 24 16.67 8.33 300 120 240 75% Notes: 1. Maximum combined power. 2. 10% minimum load is required to maintain the ripple and regulation. 3. Ripple and noise is measured from 10 KHz to 20 MHz at output terminals with a 0.1 μF ceramic capacitor and a 22 μF electrolytic capacitor in parallel. PART NUMBER KEY VF - D320 - DXX A - CFS - X Base Number Output Voltage FEATURES • up to 300 W continuous power • metal top cover and side fan • passive power correction • dual outputs • power good signal • 3000 Vac isolation voltage • over load, over voltage, over temperature, and short circuit protections • UL, cUL, and TUV 60950-1 safety approvals • efficiency up to 75% Input/Output connector: “blank” = Terminal block input / Terminal block output 1 = Molex input / Molex output 2 = Molex input / Terminal block output 3 = Terminal block input / Molex output RoHS For more information, please visit the product page. |
Similar Part No. - VF-D320-D512A-CFS_13 |
|
Similar Description - VF-D320-D512A-CFS_13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |