Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

573945 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 573945
Description  Surveillance and CCTV Applications Shielded or Flooded for Use in Underground Ducts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

573945 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  573945 Datasheet HTML 1Page - List of Unclassifed Manufacturers 573945 Datasheet HTML 2Page - List of Unclassifed Manufacturers 573945 Datasheet HTML 3Page - List of Unclassifed Manufacturers 573945 Datasheet HTML 4Page - List of Unclassifed Manufacturers 573945 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Security UTP Cable
CCTV Fixed and PTZ Applications
Riser-Rated
NEW
GENERA TION ®
CABLES
20.40
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Non-Plenum
CM FT1 or CMR FT4 Rated
Product Description
Solid bare copper conductors, unshielded twisted
pairs, polyolefin insulation, PVC jacket with rip cord.
Sequential footage marking every two feet.
Specifications
Conductor
Solid Bare Copper
Shield
Unshielded
Jacket
PVC
Approvals
NEC
CM or CMR
CEC
CM FT1 or CMR FT4
Nominal Impedance
100
Temperature Rating
80°C
Applications:
• 100BaseTX
• 100BaseVG ANYLAN
• 155ATM
• 622ATM
• AES/EBU
• Digital Video, RS-422
• Gigabit Ethernet
• NTSC/PAL Component or Composite Video
• Premise Horizontal Cable
• CCTV UTP
• PTZ
• Pan/Tilt/Zoom
Non-Plenum (NEC CM and CEC CM FT1)
Category 5e
1583A
4-Pair UTP
Polyolefin
.008 0.20 .195 4.95
U-1000
U-305
21.0
9.5
u
24 AWG
1000
305
21.0
9.5
Solid
1640
500
34.4
15.7
Bare Copper
3000
915
63.0
28.6
Cond.
1500A
4-Pair UTP
Polyolefin
.008 0.20 .200 5.08
A-1000
A-305
26.0
11.8
u
24 AWG
1000
305
23.0
10.4
Solid
Bare Copper
Cond.
Non-Plenum (NEC CMR and CEC CMR FT4)
Category 5e
1583R
4-Pair UTP
Polyolefin
.007 0.18 .197 5.00
U-1000
U-305
22.0
10.0
u
24 AWG
1000
305
22.0
10.0
Solid
3000
915
63.0
28.6
Bare Copper
Cond.
1500R
4-Pair UTP
Polyolefin
.007 0.18 .194 5.00
A-1000
A-305
27.0
12.2
u
24 AWG
1000
305
24.0
10.9
Solid
Bare Copper
Cond.
Category 6
7881A
4-Pair UTP
Polyolefin
.010 0.18 .235 5.97
A-1000
A-305
33.0
15.0
u
23 AWG
1000
305
30.0
13.6
Solid
Bare Copper
Cond.
UTP = Unshielded Twisted Pair
Refer to www.belden.com for jacket colors and put-ups.
m
Ft.
Standard Lengths
mm
Inch
kg
Standard
Unit Weight
Insulation
Nominal OD
Nominal OD
Inch
mm
Lbs.
Part
No.
Component
Descriptions
Insulation
Material
Color Code Chart
Pair No.
Color Combinations
1
White/Blue Stripe & Blue
2
White/Orange Stripe & Orange
3
White/Green Stripe & Green
4
White/Brown Stripe & Brown


Similar Part No. - 573945

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
573940 FESTO-573940 Datasheet
66Kb / 1P
   Electrical interface
8/8/22
More results

Similar Description - 573945

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1544-A TOSHIBA-RN1544-A Datasheet
269Kb / 4P
   For use in Muting and Switching Applications
logo
Shanghai Leiditech Elec...
L1000LVF LEIDITECH-L1000LVF Datasheet
381Kb / 2P
   Designed for use in line voltage applications and permitting
logo
Sanyo Semicon Device
LA4450 SANYO-LA4450 Datasheet
473Kb / 7P
   Two Channel Power IC for Bus or Track Use in TV and Home Audio Applications
logo
Advanced Crystal Techno...
ACTF139 ACT-ACTF139 Datasheet
141Kb / 4P
   Designed for use in pager applications
SEPT 04
logo
PHOENIX CONTACT
3000662 PHOENIX-3000662 Datasheet
69Kb / 5P
   For secure and space-saving accommodation of plug-in contacts in cable ducts and distributor shafts
logo
Sanyo Semicon Device
LA7019 SANYO-LA7019 Datasheet
132Kb / 3P
   ELECTRONIC SWITCH FOR USE IN VTR APPLICATIONS
LA7018 SANYO-LA7018 Datasheet
129Kb / 3P
   Electronic Switch for Use in VTR Applications
logo
Tiger Electronic Co.,Lt...
2SB834 TGS-2SB834 Datasheet
74Kb / 1P
   It is intented for use in power amplifier and switching applications.
2SB1151 TGS-2SB1151 Datasheet
59Kb / 1P
   It is intented for use in power amplifier and switching applications.
2SB772 TGS-2SB772 Datasheet
64Kb / 1P
   It is intented for use in power amplifier and switching applications.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com