Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83265 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 83265
Description  30 AWG stranded (7x38) .012 silver-plated copper-covered steel conductor, TFE PTFE insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

83265 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  83265 Datasheet HTML 1Page - List of Unclassifed Manufacturers 83265 Datasheet HTML 2Page - List of Unclassifed Manufacturers 83265 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
83265 Coax - 50 Ohm Coax
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
EU CE Mark (Y/N)
No
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
Military Specification
M17/169-00001
FLAME TEST:
UL Flame Test
UL1685 UL Loading, VW-1
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
50 Ohms
Nom. Inductance
0.072 µH/ft
Nom. Capacitance Conductor to Shield
29.0 pF/ft
Nominal Velocity of Propagation
69.5 %
Nominal Delay
1.46 ns/ft
Nom. Conductor DC Resistance @ 20 Deg. C
244.0 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20 Deg.C
14.6 Ohms/1000 ft
Nom. Attenuation :
Description
Frequency (MHz)
Start Frequency (MHz)
Stop Frequency (MHz)
Nom. Attenuation
(dB/100 ft.)
1
2.6
10
5.6
50
10.5
100
14.0
200
19.0
400
28.0
700
37.0
900
42.5
1000
46.0
Nom. Power Rating :
Description
Frequency (MHz)
Start Frequency (MHz)
Stop Frequency (MHz)
Nom. Power Rating (W)
50
380
100
253
200
170
400
113
700
81
900
70
1000
66
Max. Operating Voltage - Other :
Page 2 of 3


Similar Part No. - 83265

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83265 BELDEN-83265 Datasheet
138Kb / 2P
   Mil-Spec Coax, 50 Ohm, RG-178, 30 AWG Str SCCS, 95% SC Braid, FEP Jkt, Commercial Non-QPL
11-27-2023
83265-009100 BELDEN-83265-009100 Datasheet
138Kb / 2P
   Mil-Spec Coax, 50 Ohm, RG-178, 30 AWG Str SCCS, 95% SC Braid, FEP Jkt, Commercial Non-QPL
11-27-2023
83265-0091000 BELDEN-83265-0091000 Datasheet
138Kb / 2P
   Mil-Spec Coax, 50 Ohm, RG-178, 30 AWG Str SCCS, 95% SC Braid, FEP Jkt, Commercial Non-QPL
11-27-2023
83265-009500 BELDEN-83265-009500 Datasheet
138Kb / 2P
   Mil-Spec Coax, 50 Ohm, RG-178, 30 AWG Str SCCS, 95% SC Braid, FEP Jkt, Commercial Non-QPL
11-27-2023
More results

Similar Description - 83265

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
83264 ETC2-83264 Datasheet
101Kb / 3P
   30 awg stranded (7x38) .012 silver-plated copper-covered steel conductor
9221 ETC2-9221 Datasheet
97Kb / 2P
   30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
1682731 ETC2-1682731 Datasheet
104Kb / 3P
   26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
1351320 ETC2-1351320 Datasheet
101Kb / 3P
   26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
83284 ETC2-83284 Datasheet
100Kb / 3P
   26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
1345174 ETC2-1345174 Datasheet
103Kb / 4P
   RG-402/U type 19 AWG solid .036 silver-plated copper-covered steel conductor, TFE Teflon insulation
1345870 ETC2-1345870 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
1682729 ETC2-1682729 Datasheet
98Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1748282 ETC2-1748282 Datasheet
100Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
1344547 ETC2-1344547 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com