Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11700A0061000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 11700A0061000
Description  24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

11700A0061000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  11700A0061000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 11700A0061000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 11700A0061000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 11700A0061000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 11700A0061000 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
11700A Paired - Category 5e DataTuff® Twisted Pair Cable
ELECTRICAL CHARACTERISTICS:
Nom. Mutual Capacitance @ 1 KHz
15 pF/ft
Maximum Capacitance Unbalance (pF/100 m)
66 pF/100 m
Nominal Velocity of Propagation
70 %
Maximum Delay (ns/100 m)
510 ns/100 m
Maximum Delay Skew (ns/100m)
25 ns/100 m
Maximum Conductor DC Resistance @ 20 Deg. C
9 Ohms/100 m
Maximum DCR Unbalance @ 20 Deg. C
3 %
Max. Operating Voltage - UL
300 V RMS
ELECTRICAL CHARACTERISTICS - PREMISE:
Premise Cable Electricals Table 1 :
Frequency
(MHz)
Max.
Attenuation
(dB/100 m)
Min. NEXT
(dB)
Min. PSNEXT
(dB)
Min. ACR (dB) Min. PSACR
(dB)
Min. Return
Loss (dB)
Min.
Structural
Return Loss
(dB)
1
2.0
65.3
65.3
63.3
63.3
20.0
4
4.0
56.3
56.3
52.3
52.3
23.0
8
5.7
51.8
51.8
46.1
46.1
24.5
10
6.4
50.3
50.3
43.9
43.9
25.0
16
8.1
47.3
47.3
39.1
39.1
25.0
20
9.2
45.8
45.8
35.2
35.2
25.0
25
10.3
44.3
44.3
34.1
34.1
24.3
31.25
11.6
42.9
42.9
31.3
31.3
23.6
62.5
16.8
38.4
38.4
21.6
21.6
21.5
100
21.7
35.3
35.3
17.1
17.1
20.1
155
27.7
32.5
32.5
4.7
4.7
19.0
200
32.0
30.8
30.8
3.0
3.0
19.0
250
36.4
29.3
29.3
>0
>0
18.0
300
40.5
28.2
28.2
>0
>0
18.0
310
41.3
27.9
27.9
18.0
350
44.3
27.2
27.2
17.0
Premise Cable Electricals Table 2 :
Page 3 of 5


Similar Part No. - 11700A0061000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11700A0061000 ETC2-11700A0061000 Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
logo
Belden Inc.
11700A0061000 BELDEN-11700A0061000 Datasheet
278Kb / 3P
   DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, PVC Jkt, MSHA CMR
More results

Similar Description - 11700A0061000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7934A ETC2-7934A Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1347824 ETC2-1347824 Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
   22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1344423 ETC2-1344423 Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
   24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
1348449 ETC2-1348449 Datasheet
108Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1347877 ETC2-1347877 Datasheet
99Kb / 3P
   24 AWG solid bare copper conductors, twisted pairs, non-plenum, Polyolefin insulation
7989R ETC2-7989R Datasheet
90Kb / 3P
   Category 6, 23 AWG bonded pairs solid bare copper conductors, non-plenum, polyolefin insulation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com