Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCCE-017U122-00 Datasheet(PDF) 3 Page - LinkCom Manufacturing Co., Ltd.

Part # LCCE-017U122-00
Description  15W LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-017U122-00 Datasheet(HTML) 3 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-017U122-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-017U122-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCE-017U122-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
15W LED Power Supply
Constant Current Mode
15-LCCE Series
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Power Factor vs. Load (LCCE-015U112-00)
Efficiency vs. Load (LCCE-015U112-00)
Output Current vs. Load (LCCE-015U112-00)
0.80
0.85
0.90
0.95
1.00
65%
70%
75%
80%
85%
90%
95%
100%
105%
Load(%)
PF vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
70.0%
75.0%
80.0%
85.0%
65%
70%
75%
80%
85%
90%
95%
100%
105%
Load(%)
Efficiency vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
1.000
1.010
1.020
1.030
1.040
1.050
1.060
1.070
1.080
65%
70%
75%
80%
85%
90%
95%
100%
105%
Load(%)
Output Current vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - LCCE-017U122-00

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCE-017U122 LINKCOM-LCCE-017U122 Datasheet
627Kb / 4P
   Power Supply
More results

Similar Description - LCCE-017U122-00

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTM05-SC12 ETA-USA-VTM05-SC12 Datasheet
6Mb / 3P
   15W Isolated Power Supply
VTM21-WC12 ETA-USA-VTM21-WC12 Datasheet
6Mb / 3P
   15W Isolated Power Supply
SVM-SD ETA-USA-SVM-SD Datasheet
2Mb / 3P
   15W Isolated Power Supply
SVM-SC ETA-USA-SVM-SC Datasheet
2Mb / 3P
   15W Isolated Power Supply
logo
Mean Well Enterprises C...
PM-15 MEANWELL-PM-15_10 Datasheet
199Kb / 2P
   15W Output Switching Power Supply
logo
Advantech Co., Ltd.
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
   5Vdc, 3A, 15W Power Supply
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
logo
Mean Well Enterprises C...
IRM-15 MEANWELL-IRM-15 Datasheet
164Kb / 2P
   15W Output Switching Power Supply
NFM-15 MEANWELL-NFM-15_12 Datasheet
226Kb / 2P
   15W Output Switching Power Supply
PM-15 MEANWELL-PM-15_12 Datasheet
231Kb / 2P
   15W Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com