Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1694FG7W1000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1694FG7W1000
Description  19 AWG stranded (7x27) bare copper conductor, gas-injected foam HDPE insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1694FG7W1000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1694FG7W1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1694FG7W1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1694FG7W1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1694FG7W1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
180.000
3.300
270.000
4.000
360.000
4.700
540.000
5.900
720.000
6.900
750.000
7.000
1000.000
8.200
1500.000
10.400
2000.000
12.300
2250.000
13.200
3000.000
15.600
4500.000
19.800
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Operating Voltage - Non-UL:
Voltage
300 V RMS
Other Electrical Characteristic 1:
Impedance tested in accordance with ASTM D-4566 paragraph 43.2, option 2
using a 75 Ohm fixed bridge and termination. 75 +/- 1.5 Ohms
Other Electrical Characteristic 2:
Return Loss tested in accordance with ASTM D-4566 paragraph 45.3, using a
75 Ohm fixed bridge and termination.
Minimum Return Loss:
Start Freq. (MHz) Stop Freq. (MHz) Min. RL (dB)
5
850
20
850
4500
15
Sweep Test
Sweep Testing:
100% Sweep tested 5 MHz to 4.5 GHz.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
1694F B591000
1,000 FT
54.000 LB
BLACK, MATTE
C
#19 GIFHDLDPE DBLB FRPVC
1694F G7V1000
1,000 FT
54.000 LB
RED, MATTE
C
QLTHLDFHDLDPE DBLB FRPVC
1694F G7W1000
1,000 FT
54.000 LB
GREEN, MATTE
C
#19 GIFHDLDPE DBLB FRPVC
1694F G7X1000
1,000 FT
54.000 LB
BLUE, MATTE
C
#19 GIFHDLDPE DBLB FRPVC
1694F G7Y1000
1,000 FT
54.000 LB
WHITE, MATTE
C
#19 GIFHDLDPE DBLB FRPVC
1694F G8L1000
1,000 FT
54.000 LB
ORANGE, MATTE
C
#19 GIFHDLDPE DBLB FRPVC
1694F G8M1000
1,000 FT
54.000 LB
YELLOW, MATTE
C
#19 GIFHDLDPE DBLB FRPVC
1694F Z4B1000
1,000 FT
54.000 LB
VIO Z4B
C
#19 GIFHDLDPE DBLB FRPVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 11
Revision Date: 06-22-2009
© 2008 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
Page 3 of 4
06-23-2009
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
1694F Coax - Low Loss Serial Digital Caox


Similar Part No. - 1694FG7W1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1694F BELDEN-1694F Datasheet
158Kb / 3P
   75 Ohm SDI Coax, RG-6, 19 AWG Str BC, Double 95% TC Braid, PVC Jkt,CM, Flexible
07-03-2023
1694F-B591000 BELDEN-1694F-B591000 Datasheet
158Kb / 3P
   75 Ohm SDI Coax, RG-6, 19 AWG Str BC, Double 95% TC Braid, PVC Jkt,CM, Flexible
07-03-2023
1694F-B595000 BELDEN-1694F-B595000 Datasheet
158Kb / 3P
   75 Ohm SDI Coax, RG-6, 19 AWG Str BC, Double 95% TC Braid, PVC Jkt,CM, Flexible
07-03-2023
1694F-B59N1000 BELDEN-1694F-B59N1000 Datasheet
158Kb / 3P
   75 Ohm SDI Coax, RG-6, 19 AWG Str BC, Double 95% TC Braid, PVC Jkt,CM, Flexible
07-03-2023
1694F-G7V1000 BELDEN-1694F-G7V1000 Datasheet
158Kb / 3P
   75 Ohm SDI Coax, RG-6, 19 AWG Str BC, Double 95% TC Braid, PVC Jkt,CM, Flexible
07-03-2023
More results

Similar Description - 1694FG7W1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1865A ETC2-1865A Datasheet
32Kb / 4P
   25 AWG stranded (19x37) .021 bare copper conductor, gas-injected foam HDPE insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1347210 ETC2-1347210 Datasheet
104Kb / 4P
   23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
1345383 ETC2-1345383 Datasheet
105Kb / 4P
   20 AWG solid .032 bare copper conductor, gas-injected foam HDPE insulation
1349791 ETC2-1349791 Datasheet
102Kb / 4P
   10 AWG solid .103 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1351779 ETC2-1351779 Datasheet
102Kb / 3P
   RG-58 type, 19 AWG solid .037 bare copper conductor, gas-injected foam HDPE insulation
9913F7 ETC2-9913F7 Datasheet
100Kb / 3P
   RG-8/U type, 10 AWG stranded (7x19) .108 bare copper conductor, gas-injected foam HDPE insulation
1505F ETC2-1505F Datasheet
32Kb / 4P
   22 AWG stranded (7x29) .031" bare compacted copper conductor, gas-injected foam HDPE insulation, tinned copper double braid shield
7807A ETC2-7807A Datasheet
102Kb / 3P
   RG-58 type, 17 AWG solid .044 bare copper conductor, gas-injected foam HDPE insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com