Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVA2A221A01R00 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PVA2A221A01R00
Description  Inductance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVA2A221A01R00 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PVA2A221A01R00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVA2A221A01R00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVA2A221A01R00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PVA2A221A01R00
Specifications
Power Rating
0.1W
Shape
SMD
Maximum Working Voltage
50Vdc
Adjustment Direction
Top
Size
2mm
Auto Adjustment
Yes
Number of Turns (Effective Rotation
Angle)
1(260°±10°)
Mechanical Rotation Angle
Endless
Total Resistance Value
220Ω
Total Resistance Value Tolerance
±25%
Temperature Coefficient of
Resistance
±250ppm/
Resistance Taper
B (Linear)
Contact Resistance Variation
3% max. of nominal total resistance
value
Residual Resistance
10ohm max.
Soldering Method
Reflow
Soldering Iron
Torque
0.5 to
9.8mN m
Measure Condition of RatedPower
70
Operating Temperature Range
-
55
to
125
Mass
0.01g
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/13


Similar Part No. - PVA2A221A01R00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVA2A221A01R00 MURATA1-PVA2A221A01R00 Datasheet
247Kb / 3P
   Ultra-small and thin external dimensions of 2.2(W)x2.75(L)x0.90 max.(T)mm.
08/30/2022
PVA2A221A01R00 MURATA1-PVA2A221A01R00_V01 Datasheet
247Kb / 3P
   Ultra-small and thin external dimensions of 2.2(W)x2.75(L)x0.90 max.(T)mm.
08/30/2022
More results

Similar Description - PVA2A221A01R00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com