Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1592A0071000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1592A0071000
Description  24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1592A0071000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1592A0071000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1592A0071000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1592A0071000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1592A0071000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM
CEC/C(UL) Specification:
CM
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Telecommunications Standards:
Category 5e - TIA 568.C.2
Other Specification:
ICEA 661 Category 5 Patch, UL Verified to Category 5e Patch
Flame Test
UL Flame Test:
UL1685 Vertical Tray Flame Test
C(UL) Flame Test:
FT1
CSA Flame Test:
FT1
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
No
Suitability - Aerial:
No
Suitability - Burial:
No
Sunlight Resistance:
No
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Mutual Capacitance:
Capacitance (pF/m)
49.215
Maximum Capacitance Unbalance (pF/100 m):
330
Nominal Velocity of Propagation:
VP (%)
69
Maximum Delay:
Delay (ns/100 m)
510 @ 100MHz
Typical Delay Skew:
Delay Skew (ns/m)
0.121
Max. Delay Skew:
Delay Skew (ns/100 m)
45
Maximum Conductor DC Resistance:
DCR @ 20°C (Ohm/100 m)
Page 2 of 4
06-08-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1592A Multi-Conductor - Category 5e Nonbonded-Pair Patch Cable


Similar Part No. - 1592A0071000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1592A0071000 BELDEN-1592A0071000 Datasheet
177Kb / 3P
   Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
More results

Similar Description - 1592A0071000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7930A ETC2-7930A Datasheet
108Kb / 4P
   24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
   24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
1348370 ETC2-1348370 Datasheet
107Kb / 4P
   24 AWG solid bare copper conductors, non-plenum, Polyolefin insulation
1347877 ETC2-1347877 Datasheet
99Kb / 3P
   24 AWG solid bare copper conductors, twisted pairs, non-plenum, Polyolefin insulation
1344423 ETC2-1344423 Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1347422 ETC2-1347422 Datasheet
101Kb / 3P
   24 AWG stranded (7x32) TC conductors, Polyolefin insulation
1351272 ETC2-1351272 Datasheet
108Kb / 4P
   24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
1344471 ETC2-1344471 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, plenum, FEP insulation
1347778 ETC2-1347778 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, plenum, FEP insulation
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com