Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1592A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1592A
Description  24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1592A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1592A Datasheet HTML 1Page - List of Unclassifed Manufacturers 1592A Datasheet HTML 2Page - List of Unclassifed Manufacturers 1592A Datasheet HTML 3Page - List of Unclassifed Manufacturers 1592A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1592A 0061000
305 MT
10.433 KG
BLUE, LIGHT
C
CAT5E PATCH U/UTP CM REEL
1592A 007U1000
305 MT
9.979 KG
VIOLET
CAT5E PATCH U/UTP CM BOX
1592A 0071000
305 MT
10.433 KG
VIOLET
C
CAT5E PATCH U/UTP CM REEL
1592A 009U1000
305 MT
9.979 KG
WHITE
CAT5E PATCH U/UTP CM BOX
1592A 0091000
305 MT
10.433 KG
WHITE
C
CAT5E PATCH U/UTP CM REEL
1592A 010U1000
305 MT
9.979 KG
BLACK
CAT5E PATCH U/UTP CM BOX
1592A 0101000
305 MT
10.433 KG
BLACK
C
CAT5E PATCH U/UTP CM REEL
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 4
Revision Date: 05-03-2011
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 4 of 4
06-08-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1592A Multi-Conductor - Category 5e Nonbonded-Pair Patch Cable


Similar Part No. - 1592A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1592A BELDEN-1592A Datasheet
177Kb / 3P
   Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
1592A0021000 BELDEN-1592A0021000 Datasheet
177Kb / 3P
   Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
1592A002U1000 BELDEN-1592A002U1000 Datasheet
177Kb / 3P
   Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
1592A0031000 BELDEN-1592A0031000 Datasheet
177Kb / 3P
   Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
1592A003U1000 BELDEN-1592A003U1000 Datasheet
177Kb / 3P
   Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
More results

Similar Description - 1592A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7930A ETC2-7930A Datasheet
108Kb / 4P
   24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
   24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
1348370 ETC2-1348370 Datasheet
107Kb / 4P
   24 AWG solid bare copper conductors, non-plenum, Polyolefin insulation
1347877 ETC2-1347877 Datasheet
99Kb / 3P
   24 AWG solid bare copper conductors, twisted pairs, non-plenum, Polyolefin insulation
1344423 ETC2-1344423 Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1347422 ETC2-1347422 Datasheet
101Kb / 3P
   24 AWG stranded (7x32) TC conductors, Polyolefin insulation
1351272 ETC2-1351272 Datasheet
108Kb / 4P
   24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
1344471 ETC2-1344471 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, plenum, FEP insulation
1347778 ETC2-1347778 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, plenum, FEP insulation
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com