Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPSA120100UB Datasheet(PDF) 3 Page - CUI INC

Part # EPSA120100UB
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPSA120100UB Datasheet(HTML) 3 Page - CUI INC

  EPSA120100UB Datasheet HTML 1Page - CUI INC EPSA120100UB Datasheet HTML 2Page - CUI INC EPSA120100UB Datasheet HTML 3Page - CUI INC EPSA120100UB Datasheet HTML 4Page - CUI INC EPSA120100UB Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
08/21/2012 │ page 3 of 5
CUI Inc
│ SERIES: 12 W WALL PLUG - UK BLADE │ DESCRIPTION: AC-DC POWER SUPPLY
cord length
MODEL NO.
CABLE GAUGE
CORD LENGTH
EPSA050250UB
18 AWG
1,500 mm ±30
EPSA120100UB
22 AWG
1,500 mm +50/-30
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.953 x 1.969 x 1.850 (75 x 50 x 47 mm)
inch
input plug
fixed UK
MECHANICAL DRAWING
75.0 2.953
1.0
50.0 1.969
1.0
47.0 1.850
1.0
DC CORD
units: mm[inch]
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - EPSA120100UB

ManufacturerPart #DatasheetDescription
logo
CUI INC
EPSA120100UB CUI-EPSA120100UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
More results

Similar Description - EPSA120100UB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com