Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC412AJE Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC412AJE
Description  Dual Wideband Video Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC412AJE Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC412AJE Datasheet HTML 2Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 3Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 4Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 5Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 6Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 7Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 8Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 9Page - National Semiconductor (TI) CLC412AJE Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
bandwidth curves, labeled "BW", correspond to the two
(solid) "Rf" curves. These results may deviate from that
produced by the analysis of OA-13 since these plots
were produced from an actual board layout that included
parasitic capacitances not accounted for by the analysis
of OA-13. It should be noted that a non-inverting gain of
+1V/V requires an Rf =1k
Ω and the output voltage used
for both plots is 2Vpp.
In order to bandlimit the CLC412 at any particular gain
setting, a larger value of Rf (than previously recommended
in the plots above) is needed. Following the analysis in
OA-13, we find the CLC412’s "optimum feedback
transimpedance", Z t*, below.
The "optimum feedback transimpedance" is unique for
each current-feedback op amp and determines the
recommended value of Rf for a particular gain setting.
Drawing a horizontal line on the “Open-loop
Transimpedance, Z(s)” plot from 57.5dB (on the left
vertical axis), we find the intersection with the
transimpedance magnitude trace occurs at a frequency
of 180MHz. This frequency is
only an approximation of
the CLC412’s small-signal bandwidth. From this
intersection, one can see that an increase in Z t will
produce a new intersection occurring at a lower frequency.
This is the process to follow when bandlimiting. Once the
target small-signal bandwidth is determined, the new
value of Zt is picked off the graph at the point where the
this frequency and the transimpedance magnitude trace
intersect. One can then back track to figure the value of
the feedback resistor, Rf=Z t-Rin(1+Rf/Rg). This new value
of Rf will produce the desired frequency roll-off.
Circuit Layout
With all high-frequency devices, board layouts with stray
capacitances have a strong influence over AC
performance. The CLC412 is no exception and its input
and output pins are particularly sensitive to the coupling
of parasitic capacitances (to ac ground) arising from
traces or pads placed too closely (<0.1") to power or
ground planes. In some cases, due to the frequency
response peaking caused by these parasitics, a small
adjustment of the feedback resistor value will serve to
compensate the frequency response. Also, it is very
important to keep the parasitic capacitance across the
feedback resistor to an absolute minimum.
The performance plots in the data sheet can be
reproduced using the evaluation boards available from
Comlinear. There are two types of boards; the DIP
(#730038) and SOIC (#730036). The #730036 board
uses all SMT parts for the evaluation of the CLC412 in its
surface mount package. Either of these layouts can
assist the designer in obtaining the desired performance.
In addition, the boards can serve as an example layout
for the final production printed circuit board.
Care must also be taken with the CLC412's layout in
order to achieve the best circuit performance, particularly
channel-to-channel isolation. The decoupling capacitors
(both tantalum and ceramic) must be chosen with good
high frequency characteristics to decouple the power
supplies and the physical placement of the CLC412’s
external components is critical. Grouping each amplifier’s
external components with their own ground connection
and separating them from the external components of
the opposing channel with the maximum possible distance
is recommended. The input (Rin) and gain-setting resistors
(Rg) are the most critical. It is also recommended that the
ceramic decoupling capacitor (0.1
µFchiporradial-leaded
with low ESR) should be placed as closely to the power
pins as possible.
Package Parasitics
In addition to the parasitic capacitances arising from the
board layout, each of the CLC412's packages has its
own characteristic set of parasitic capacitances and
inductances causing frequency response variation from
package to package as shown in the plot below labeled
"Frequency Response vs. Package Type". Due to its
much smaller size, the CLC412AJE (8-pin SOIC) shows
the least amount of peaking.
Matching Performance
With proper board layout, the AC performance match
between the two CLC412’s amplifiers can be tightly
ZR
R
R
R
LOG
dB
t
f
in
f
g
=+
+


=+
+


=
() =
1
634
60 1
634
634
754
20
754
57 5
.
½CLC412
½CLC412
Vin
Vout
634
314
634
25
59
50
50
50
50
634
+
+
-
-
Figure 3
http://www.national.com
6


Similar Part No. - CLC412AJE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
More results

Similar Description - CLC412AJE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com