Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1865AN3U1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1865AN3U1000
Description  25 AWG stranded (19x37) .021 bare copper conductor, gas-injected foam HDPE insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1865AN3U1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1865AN3U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1865AN3U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1865AN3U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1865AN3U1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1865A Coax - Sub-Miniature
Bulk Cable Weight
16 lbs/1000 ft.
Max. Recommended Pulling Tension
30 lbs.
Min. Bend Radius (Install)
1.5 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
NEC/(UL) Specification
CMR
CEC/C(UL) Specification
CMG
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
FLAME TEST:
UL Flame Test
UL1666 Vertical Shaft
SWEEP TEST:
Sweep Testing
100% Sweep tested 5 MHz to 3 GHz.
SUITABILITY:
Suitability - Indoor
Yes
Suitability - Outdoor
Yes - Black Only
Suitability - Aerial
Yes - Black only, when supported by a messenger wire
Suggested Connectors
BNC - Kings 2025-47-9
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
75 Ohms
Nom. Inductance
.093 µH/ft
Nom. Capacitance Conductor to Shield
16.5 pF/ft
Nominal Velocity of Propagation
82 %
Nominal Delay
1.24 ns/ft
Nom. Conductor DC Resistance @ 20 Deg. C
27.4 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20 Deg.C
5.4 Ohms/1000 ft
Minimum Return Loss :
Description
Frequency (MHz)
Start Frequency (MHz)
Stop Frequency (MHz)
Minimum Return Loss
(dB)
5
850
21
851
3000
18
Nom. Attenuation :
Page 2 of 4


Similar Part No. - 1865AN3U1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1865A BELDEN-1865A Datasheet
193Kb / 3P
   Serial Digital Coax, Sub-miniature, #25 Stranded BC, CMR
12-16-2022
1865A-0011000 BELDEN-1865A-0011000 Datasheet
193Kb / 3P
   Serial Digital Coax, Sub-miniature, #25 Stranded BC, CMR
12-16-2022
1865A-0021000 BELDEN-1865A-0021000 Datasheet
193Kb / 3P
   Serial Digital Coax, Sub-miniature, #25 Stranded BC, CMR
12-16-2022
1865A-0031000 BELDEN-1865A-0031000 Datasheet
193Kb / 3P
   Serial Digital Coax, Sub-miniature, #25 Stranded BC, CMR
12-16-2022
1865A-0041000 BELDEN-1865A-0041000 Datasheet
193Kb / 3P
   Serial Digital Coax, Sub-miniature, #25 Stranded BC, CMR
12-16-2022
More results

Similar Description - 1865AN3U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1694F ETC2-1694F Datasheet
90Kb / 4P
   19 AWG stranded (7x27) bare copper conductor, gas-injected foam HDPE insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1347210 ETC2-1347210 Datasheet
104Kb / 4P
   23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
1345383 ETC2-1345383 Datasheet
105Kb / 4P
   20 AWG solid .032 bare copper conductor, gas-injected foam HDPE insulation
1349791 ETC2-1349791 Datasheet
102Kb / 4P
   10 AWG solid .103 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
9913F7 ETC2-9913F7 Datasheet
100Kb / 3P
   RG-8/U type, 10 AWG stranded (7x19) .108 bare copper conductor, gas-injected foam HDPE insulation
1505F ETC2-1505F Datasheet
32Kb / 4P
   22 AWG stranded (7x29) .031" bare compacted copper conductor, gas-injected foam HDPE insulation, tinned copper double braid shield
7807A ETC2-7807A Datasheet
102Kb / 3P
   RG-58 type, 17 AWG solid .044 bare copper conductor, gas-injected foam HDPE insulation
1351779 ETC2-1351779 Datasheet
102Kb / 3P
   RG-58 type, 19 AWG solid .037 bare copper conductor, gas-injected foam HDPE insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com