Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1505FG7W1000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1505FG7W1000
Description  22 AWG stranded (7x29) .031" bare compacted copper conductor, gas-injected foam HDPE insulation, tinned copper double braid shield
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1505FG7W1000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1505FG7W1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1505FG7W1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1505FG7W1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1505FG7W1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1505F Coax - RG-59/U Type
1505F G8L1000
#21 GIFHDLDPE
DBLB PVC
1000
45
ORANGE, MATTE
C
1505F Z4B1000
#21 GIFHDLDPE
DBLB PVC
1000
45
VIO Z4B
C = CRATE REEL PUT-UP.
Revision Number: 7
Revision Date: 07-13-2006
© Copyright 2006 Belden, Inc
All Rights Reserved.
Although Belden ("Belden") makes every reasonable effort to ensure their accuracy at the time of this publication, information and
specifications described herein are subject to error or omission and to change without notice, and the listing of such information and
specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described
herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with the following environmental regulations: California Proposition 65 Consent Judgment
For Wire & Cable Mfgs.(San Francisco Superior Court Nos. 312962 And 320342); EU RoHS (Directive 2002/95/EC, 27-Jan-
2003);Material manufactured prior to the compliance date may still be in stock at Belden facilities and in our Distributor's inventory. EU
ELV (Directive 2000/53/EC, 18-Sept-2000); EU WEEE (Directive 2002/96/EC, 27-Jan-2003); And EU BFR (Directive 2003/11/EC, 6-Feb-
2003). The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the
Product Disclosure, is correct to the best of Belden's knowledge, information and belief at the date of its publication. The information
provided in the Product Disclosure is designed only as a general guide for the safe handling, storage, and any other operation of the product
itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification. Regulatory
information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations
based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 4 of 4


Similar Part No. - 1505FG7W1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1505F BELDEN-1505F Datasheet
243Kb / 2P
   75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
1505FPU BELDEN-1505FPU Datasheet
137Kb / 2P
   1505FPU - 75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid, PUR Jkt, Flexible
04-08-2022
1505FPU.001000 BELDEN-1505FPU.001000 Datasheet
137Kb / 2P
   1505FPU - 75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid, PUR Jkt, Flexible
04-08-2022
1505FPU.00305 BELDEN-1505FPU.00305 Datasheet
137Kb / 2P
   1505FPU - 75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid, PUR Jkt, Flexible
04-08-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com