Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1508S Datasheet(PDF) 1 Page - Comchip Technology

Part # DF1508S
Description  SMD Genenal Purpose Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF1508S Datasheet(HTML) 1 Page - Comchip Technology

  DF1508S Datasheet HTML 1Page - Comchip Technology DF1508S Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Glass Passivated Type
Reverse Voltage: 50 - 1000 Volts
Forward Current: 1.5 Amp
DF15005S Thru DF1510S
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Low forward voltage drop
Glas passivated junction
Mechanical data
Case: Molded plastic, DF-S
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Marked on body
Mounting position: Any
Approx. Weight:1.0 gram
SMD Genenal Purpose Bridge Rectifier
SMD Genenal Purpose Bridge Rectifier
www.comchip.com.tw
COMCHIP
COMCHIP
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.5 A
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=125
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
I R
R JA
T j
TSTG
Maximum Ratings and Electrical Characterics
Unit
V
V
V
A
A
V
uA
MDS0301001A
Page 1
Note 1: Thermal resistance from junction to ambient.
50
50
35
1000
1000
700
600
600
420
400
400
280
100
100
70
50
1.5
1.1
-55 to +150
10
500
-55 to +150
800
800
560
200
200
140
40
C/W
C
C
C
C
Dimension in inches and (millimeters)
DF-S
0.039(1.0)
0.205(5.2)
0.197(5.0)
0.347(8.8)
0.322(8.2)
0.134(3.4)
0.118(3.0)
-
+
-
+
~
~
~
~
0.047(1.2)
0.255(6.5)
0.245(6.2)
0.310(7.9)
0.290(7.4)
0.013(0.33)
0.003(0.08)
0.425(10.8)
0.400(10.2)
0.60(1.5)
0.40(1.0)
DF15005S DF1501S DF1502S DF1504S DF1506S DF1508S DF1510S


Similar Part No. - DF1508S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF1508S DIODES-DF1508S Datasheet
53Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
DF1508S DIODES-DF1508S Datasheet
69Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
DF1508S VISHAY-DF1508S Datasheet
161Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
logo
Diodes Incorporated
DF1508S DIODES-DF1508S Datasheet
69Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
DF1508S VISHAY-DF1508S Datasheet
91Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 16-Jul-08
More results

Similar Description - DF1508S

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF005S COMCHIP-DF005S Datasheet
52Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
B05SGS COMCHIP-B05SGS Datasheet
79Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
B05S COMCHIP-B05S Datasheet
70Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
CGRL0501 COMCHIP-CGRL0501 Datasheet
69Kb / 2P
   SMD Genenal Purpose Rectifier
CGRB301 COMCHIP-CGRB301 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
CGRC501 COMCHIP-CGRC501 Datasheet
62Kb / 2P
   SMD Genenal Purpose Rectifier
CGRB201 COMCHIP-CGRB201 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
CGRC301 COMCHIP-CGRC301 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
CGRA4001 COMCHIP-CGRA4001 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
CGRM4001 COMCHIP-CGRM4001 Datasheet
61Kb / 2P
   SMD Genenal Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com