Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD20011BUG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD20011BUG
Description  2.00 inch Single Digit 16 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD20011BUG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD20011BUG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD20011BUG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD20011BUG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121744
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.00 inch Single Digit 16 Segment LED Display
Internal Circuit Diagram
Selection Guide
Single Digit 16 Segment LED Display, Digit Height:50.80mm(2.00 inch), External Dimensions:
40.00x62.00x10.00mm (L x W x H )
Part No.
Chip
IV@IF=20mA
IV@IF=20mA
One Seg
One Seg A D G
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD20011AR
LD20011BR
GaAlAs
Super Red
640
24
30
12
15
LD20011AD
LD20011BD
GaAlAs
Hi-Red
640
54
75
27
37.5
LD20011AO
LD20011BO
GaAsP
Orange
625
21
27
10.5
13.5
LD20011AY
LD20011BY
GaAsP
Yellow
588
24
30
12
15
LD20011AG
LD20011BG
GaP
Green
568
21
27
10.5
13.5
LD20011AUR
LD20011BUR
AlGaInP
Ultra Red
640
90
135
45
67.5
LD20011AUO
LD20011BUO
AlGaInP
Ultra Orange
625
135
180
67.5
90
LD20011AUA
LD20011BUA
AlGaInP
Ultra Amber
605
90
135
45
67.5
LD20011AUY
LD20011BUY
AlGaInP
Ultra Yellow
595
90
135
45
67.5
LD20011AUG
LD20011BUG
AlGaInP
Ultra Green
573
90
135
45
67.5
LD20011APG
LD20011BPG
InGaN
Pure Green
525
360
900
180
450
LD20011AUB
LD20011BUB
InGaN
Ultra Blue
470
90
135
45
67.5
LD20011AUW
LD20011BUW
SMD
Ultra White
\
300
360
150
180
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD20011BUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD20011CD LIGHTKEY-LD20011CD Datasheet
262Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011CG LIGHTKEY-LD20011CG Datasheet
262Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011CO LIGHTKEY-LD20011CO Datasheet
262Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011CPG LIGHTKEY-LD20011CPG Datasheet
262Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011CR LIGHTKEY-LD20011CR Datasheet
262Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
More results

Similar Description - LD20011BUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD20011CD LIGHTKEY-LD20011CD Datasheet
262Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD8013AB LIGHTKEY-LD8013AB Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD23013AB LIGHTKEY-LD23013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD5015AB LIGHTKEY-LD5015AB Datasheet
168Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD8013CD LIGHTKEY-LD8013CD Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD10013AB LIGHTKEY-LD10013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD5015CD LIGHTKEY-LD5015CD Datasheet
169Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015E LIGHTKEY-LD5015E Datasheet
155Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015EF LIGHTKEY-LD5015EF Datasheet
155Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD10017AB LIGHTKEY-LD10017AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com