Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5641DUB Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5641DUB
Description  0.56 inch Four Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5641DUB Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5641DUB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5641DUB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5641DUB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121498
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Four Digit 7 Segment LED Display
Internal Circuit Diagram
Selection Guide
Four Digits 7 Segment LED Display, Digit Height: 14.20mm(0.56inch), External Dimensions:
50.30x19.00x8.00mm (L x W x H)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5641CR
LD5641DR
GaAlAs
Super Red
640
8
10
8
10
LD5641CD
LD5641DD
GaAlAs
Hi-Red
640
18
25
18
25
LD5641CO
LD5641DO
GaAsP
Orange
625
7
9
7
9
LD5641CY
LD5641DY
GaAsP
Yellow
588
8
10
8
10
LD5641CG
LD5641DG
GaP
Green
568
7
9
7
9
LD5641CUR
LD5641DUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5641CUO
LD5641DUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5641CUA
LD5641DUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5641CUY
LD5641DUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5641CUG
LD5641DUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5641CPG
LD5641DPG
InGaN
Pure Green
525
120
300
120
300
LD5641CUB
LD5641DUB
InGaN
Ultra Blue
470
30
45
30
45
LD5641CUW
LD5641DUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD5641DUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5641AB LIGHTKEY-LD5641AB Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5641AD LIGHTKEY-LD5641AD Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5641AG LIGHTKEY-LD5641AG Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5641AO LIGHTKEY-LD5641AO Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5641APG LIGHTKEY-LD5641APG Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
More results

Similar Description - LD5641DUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5641AB LIGHTKEY-LD5641AB Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5643AB LIGHTKEY-LD5643AB Datasheet
178Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5644AB LIGHTKEY-LD5644AB Datasheet
168Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5645AB LIGHTKEY-LD5645AB Datasheet
161Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
logo
P-tec Corporation
PD46-CAMR24 P-TEC-PD46-CAMR24 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMR21 P-TEC-PD46-CAMR21 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMG13 P-TEC-PD46-CAMG13 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMR12 P-TEC-PD46-CAMR12 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMY01 P-TEC-PD46-CAMY01 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
logo
LightKey Optoelectronic...
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com