Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LS798 Datasheet(PDF) 4 Page - Motorola, Inc

Part # SN54LS798
Description  TRI-STATE OCTAL BUFFERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS798 Datasheet(HTML) 4 Page - Motorola, Inc

  SN54LS798 Datasheet HTML 1Page - Motorola, Inc SN54LS798 Datasheet HTML 2Page - Motorola, Inc SN54LS798 Datasheet HTML 3Page - Motorola, Inc SN54LS798 Datasheet HTML 4Page - Motorola, Inc SN54LS798 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5-612
FAST AND LS TTL DATA
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. 751D01, AND 02 OBSOLETE, NEW STANDARD
751D03.
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
12.65
7.40
2.35
0.35
0.50
0.25
0.10
10.05
0.25
12.95
7.60
2.65
0.49
0.90
0.32
0.25
10.55
0.75
0.499
0.292
0.093
0.014
0.020
0.010
0.004
0.395
0.010
0.510
0.299
0.104
0.019
0.035
0.012
0.009
0.415
0.029
1.27 BSC
0.050 BSC
-A-
-B-
P
10 PL
1
10
11
20
G
-T-
D 20 PL
K
C
SEATING
PLANE
R X 45
°
M
F
J
Case 751D-03 DW Suffix
20-Pin Plastic
SO-20 (WIDE)
B
0.25 (0.010) M
M
T
0.25 (0.010)
B
A
M
S
S
Case 732-03 J Suffix
20-Pin Ceramic Dual In-Line
NOTES:
1. LEADS WITHIN 0.25 mm (0.010) DIA., TRUE
POSITION AT SEATING PLANE, AT MAXIMUM
MATERIAL CONDITION.
2. DIM L TO CENTER OF LEADS WHEN FORMED
PARALLEL.
3. DIM A AND B INCLUDES MENISCUS.
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
23.88
6.60
3.81
0.38
1.40
0.51
0.20
3.18
25.15
7.49
5.08
0.56
1.65
1.27
0.30
4.06
0.25
0.940
0.260
0.150
0.015
0.055
0.020
0.008
0.125
0.990
0.295
0.200
0.022
0.065
0.050
0.012
0.160
15°
1.02
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
A
B
C
D
F
G
H
J
K
L
M
N
0.010
15°
0.040
B
C
D
G
H
J
M
N
A
L
20
11
1
10
SEATING
PLANE
K
F
Case 738-03 N Suffix
20-Pin Plastic
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
25.66
6.10
3.81
0.39
1.27
0.21
2.80
27.17
6.60
4.57
0.55
1.77
0.38
3.55
0.51
1.010
0.240
0.150
0.015
0.050
0.008
0.110
1.070
0.260
0.180
0.022
0.070
0.015
0.140
15°
1.01
1.27 BSC
2.54 BSC
7.62 BSC
0.050 BSC
0.100 BSC
0.300 BSC
A
B
C
D
E
F
G
J
K
L
M
N
0.020
15°
0.040
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L" TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION B" DOES NOT INCLUDE MOLD
FLASH.
5. 73802 OBSOLETE, NEW STANDARD 73803.
-A-
B
C
K
N
E
G
F
D 20 PL
J
20 PL
L
M
-T-
SEATING
PLANE
1
10
11
20
T A
0.25 (0.010) M
M
T B
0.25 (0.010) M
M


Similar Part No. - SN54LS798

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SN54LS793 ETC1-SN54LS793 Datasheet
258Kb / 4P
   8 - BIT LATCH / REGISTER WITH READBACK
SN54LS794 ETC1-SN54LS794 Datasheet
258Kb / 4P
   8 - BIT LATCH / REGISTER WITH READBACK
logo
Motorola, Inc
SN54LS795 MOTOROLA-SN54LS795 Datasheet
169Kb / 5P
   TRI-STATE OCTAL BUFFERS
SN54LS795J MOTOROLA-SN54LS795J Datasheet
169Kb / 5P
   TRI-STATE OCTAL BUFFERS
More results

Similar Description - SN54LS798

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS795 MOTOROLA-SN54LS795 Datasheet
169Kb / 5P
   TRI-STATE OCTAL BUFFERS
logo
National Semiconductor ...
54LS240 NSC-54LS240 Datasheet
102Kb / 3P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
54F240DM NSC-54F240DM Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
54ACT240DMQB NSC-54ACT240DMQB Datasheet
18Kb / 6P
   Octal Buffers/Line Drivers With TRI-State Outputs
54ACQ244 NSC-54ACQ244 Datasheet
29Kb / 7P
   Octal Buffers/Line Drivers With TRI-State Outputs
DM54LS240 NSC-DM54LS240 Datasheet
142Kb / 6P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
logo
List of Unclassifed Man...
DM80L98 ETC1-DM80L98 Datasheet
90Kb / 2P
   TRI-STATE Hex Buffers
logo
National Semiconductor ...
54LS365A NSC-54LS365A Datasheet
131Kb / 6P
   Hex TRI-STATE Buffers
54LS367A NSC-54LS367A Datasheet
137Kb / 6P
   Hex TRI-STATE Buffers
DM54367 NSC-DM54367 Datasheet
94Kb / 4P
   Hex TRI-STATE Buffers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com