Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6286-3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SFH6286-3
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6286-3 Datasheet(HTML) 6 Page - Vishay Siliconix

  SFH6286-3 Datasheet HTML 1Page - Vishay Siliconix SFH6286-3 Datasheet HTML 2Page - Vishay Siliconix SFH6286-3 Datasheet HTML 3Page - Vishay Siliconix SFH6286-3 Datasheet HTML 4Page - Vishay Siliconix SFH6286-3 Datasheet HTML 5Page - Vishay Siliconix SFH6286-3 Datasheet HTML 6Page - Vishay Siliconix SFH6286-3 Datasheet HTML 7Page - Vishay Siliconix SFH6286-3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number 83722
Rev. 1.4, 26-Apr-04
VISHAY
SFH628A / SFH6286
Vishay Semiconductors
Package Dimensions in Inches (mm)
Package Dimensions in Inches (mm)
i178027
.255 (6.48)
.268 (6.81)
1
2
4
3
.179 (4.55)
.190 (4.83)
pin one ID
.030 (.76)
.045 (1.14)
typ.
.100 (2.54)
.130 (3.30)
.150 (3.81)
.020 (.508 )
.035 (.89)
10°
3°–9°
.018 (.46)
.022 (.56)
.008 (.20)
.012 (.30)
.031 (.79) typ.
.050 (1.27) typ.
.300 (7.62) typ.
.110 (2.79)
.130 (3.30)
.230 (5.84)
.250 (6.35)
.050 (1.27)
ISO Method A
i178029
.255 (6.48)
.268 (6.81)
34
.179 (4.55)
.190 (4.83)
pin one ID
.030 (.76)
.045 (1.14)
4° typ.
1.00 (2.54)typ.
.130 (3.30)
.150 (3.81)
.0098 (.249)
.035 (.102)
.020 (.508)
.040 (1.02)
.031 (.79)
typ.
.050 (1.27)
typ.
.010 (.25)
typ.
10°
3°–7°
.375 (9.52)
.305 (10.03)
.296 (7.52)
.312 (7.90)
.315 (8.00)
min.
Lead
coplanarity
.004 max.
SMD
ISO Method A
.100 (2.54)
R .010 (.25)
.070 (1.78)
.030 (.76)
.315 (8.00) min
.060 (1.52)
.435 (11.05)


Similar Part No. - SFH6286-3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH6286-3 INFINEON-SFH6286-3 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH6286-3 VISHAY-SFH6286-3 Datasheet
189Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
Rev. 2.0, 11-Jul-13
SFH6286-3T VISHAY-SFH6286-3T Datasheet
189Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
Rev. 2.0, 11-Jul-13
SFH6286-3T VISHAY-SFH6286-3T Datasheet
177Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
Rev. 2.1, 28-Feb-14
SFH6286-3T VISHAY-SFH6286-3T Datasheet
174Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
01-Jan-2022
More results

Similar Description - SFH6286-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6286-3T VISHAY-SFH6286-3T Datasheet
189Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
Rev. 2.0, 11-Jul-13
SFH628A VISHAY-SFH628A_V02 Datasheet
175Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
01-Jan-2023
SFH628A VISHAY-SFH628A Datasheet
177Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
Rev. 2.1, 28-Feb-14
SFH6286-2T VISHAY-SFH6286-2T Datasheet
225Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
Rev. 1.9, 24-Mar-11
SFH6286 VISHAY-SFH6286_V01 Datasheet
174Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
01-Jan-2022
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com