Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39941B9803P810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39941B9803P810
Description  SAW Rx 2in1 output diplex filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39941B9803P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39941B9803P810 Datasheet HTML 1Page - TDK Electronics B39941B9803P810 Datasheet HTML 2Page - TDK Electronics B39941B9803P810 Datasheet HTML 3Page - TDK Electronics B39941B9803P810 Datasheet HTML 4Page - TDK Electronics B39941B9803P810 Datasheet HTML 5Page - TDK Electronics B39941B9803P810 Datasheet HTML 6Page - TDK Electronics B39941B9803P810 Datasheet HTML 7Page - TDK Electronics B39941B9803P810 Datasheet HTML 8Page - TDK Electronics B39941B9803P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
July 14, 2009
B9803
881.5 / 942.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx 2in1 output diplex filter
Data sheet
Application
s
Low-loss 2in1 RF filter for mobile telephone
GSM 900 and GSM 850 systems, receive path (Rx)
s
Usable passband:
Filter 1 (GSM 800): 25 MHz
Filter 2 (GSM 900): 35 MHz
s
Unbalanced to balanced operation for all filters
s
Impedance transformation from 50
Ω to 150 Ω for
both filters
s
Low amplitude ripple
s
Suitable for GPRS class 1 to 12
Features
s
Package size 1.5 x1.1 x 0.4 mm3
s
Package code QCT10L
s
RoHS compatible
s
Approx. weight 0.003 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
0.18
0,39
bottom view
0.075
0.21
6
7
8
9
10
5
1234
side view
top view
0.49
1.5
Pin configuration
s
1
Input [Filter 1]
s
4
Input [Filter 2]
s
8,9
Output, balanced [Diplex]
s
6,7
To be grounded
s
2,3,5,10
Case-ground
2,3,5,10
4
1
8
7
6
9


Similar Part No. - B39941B9803P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39941B9801J610 TDK-B39941B9801J610 Datasheet
256Kb / 12P
   SAW Rx 2in1 filter
B39941B9802J610 TDK-B39941B9802J610 Datasheet
256Kb / 12P
   SAW Rx 2in1 filter
More results

Similar Description - B39941B9803P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39941B9814P810 TDK-B39941B9814P810 Datasheet
256Kb / 12P
   SAW Rx 2in1 input diplex filter
B39182B9522P810 TDK-B39182B9522P810 Datasheet
176Kb / 12P
   SAW Rx 2in1 input diplex filter
B39202B9823P810 TDK-B39202B9823P810 Datasheet
209Kb / 12P
   SAW Components SAW Rx 2in1 diplex filter
B39202B9870P810 TDK-B39202B9870P810 Datasheet
210Kb / 12P
   SAW Components SAW Rx 2in1 input diplex filter
logo
EPCOS
B9318 EPCOS-B9318 Datasheet
133Kb / 12P
   SAW Rx 2in1 filter
logo
TDK Electronics
B39941B9802J610 TDK-B39941B9802J610 Datasheet
256Kb / 12P
   SAW Rx 2in1 filter
logo
EPCOS
B4236 EPCOS-B4236_1 Datasheet
198Kb / 10P
   SAW Rx 2in1 filter
logo
TDK Electronics
B39941B9904P810 TDK-B39941B9904P810 Datasheet
183Kb / 12P
   SAW Rx 2in1 filter
B39941B9828P810 TDK-B39941B9828P810 Datasheet
172Kb / 12P
   SAW Rx 2in1 filter
B39202B9821P810 TDK-B39202B9821P810 Datasheet
168Kb / 12P
   SAW Components SAW 2in1 input diplex filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com