Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39941B8515P810 Datasheet(PDF) 7 Page - TDK Electronics

Part # B39941B8515P810
Description  SAW duplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39941B8515P810 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B39941B8515P810 Datasheet HTML 3Page - TDK Electronics B39941B8515P810 Datasheet HTML 4Page - TDK Electronics B39941B8515P810 Datasheet HTML 5Page - TDK Electronics B39941B8515P810 Datasheet HTML 6Page - TDK Electronics B39941B8515P810 Datasheet HTML 7Page - TDK Electronics B39941B8515P810 Datasheet HTML 8Page - TDK Electronics B39941B8515P810 Datasheet HTML 9Page - TDK Electronics B39941B8515P810 Datasheet HTML 10Page - TDK Electronics B39941B8515P810 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
July 8, 2013
B8515
897.5 / 942.5 MHz
SAW Components
SAW duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings
Storage temperature range
Tstg
–40/+851)
1) Extended upperlimit: 168@125˚C acc. to IEC 60068-2-2 Bb.
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1002)
2) acc. to JESD22-A115B (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
ESD voltage
VESD
3003)
3) acc. to JESD22-A114F (human body model), 1 negative & 1 positive pulses.
V
HBM,+/- 1 pulses
ESD voltage
VESD
6004)
4) acc. to JESD22-A101C (charge device model), 3 negative & 3 positive pulse
V
CDM,+/- 3 pulses
Input power at
PIN
880.0 ... 915.0 MHz
elsewhere
29
10
dBm
dBm
WCDMA signal
55 ˚C, 10000 h
}


Similar Part No. - B39941B8515P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39941B8514P810 TDK-B39941B8514P810 Datasheet
245Kb / 14P
   SAW duplexer
B39941B8516P810 TDK-B39941B8516P810 Datasheet
266Kb / 15P
   SAW duplexer
More results

Similar Description - B39941B8515P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
   SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
   SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
   SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com