Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL3770AQNT Datasheet(PDF) 6 Page - Ericsson

Part # PBL3770AQNT
Description  High Performance Stepper Motor Drive Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3770AQNT Datasheet(HTML) 6 Page - Ericsson

  PBL3770AQNT Datasheet HTML 1Page - Ericsson PBL3770AQNT Datasheet HTML 2Page - Ericsson PBL3770AQNT Datasheet HTML 3Page - Ericsson PBL3770AQNT Datasheet HTML 4Page - Ericsson PBL3770AQNT Datasheet HTML 5Page - Ericsson PBL3770AQNT Datasheet HTML 6Page - Ericsson PBL3770AQNT Datasheet HTML 7Page - Ericsson PBL3770AQNT Datasheet HTML 8Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PBL 3770A
6
voltage across the sensing resistor is
below the comparator threshold level.
The sinking transistor then turns on
and the motor current starts to increase
again, The cycle is repeated until the
current is turned off via the logic inputs.
When both I
1 and I0 are high, all four
transistors in the output H-bridge are
turned off, which means that inductive
current recirculates through two opposite
free-wheeling diodes (see figure 6, arrow
3). this method of turning off the current
results in a faster current decay than if
only one transistor was turned off and
will therefore improve speed
performance in half-stepping mode.
Heatsinking
The junction temperature of the chip
highly effects the lifetime of the circuit. In
high-current applications, the
heatsinking must be carefully conside-
red.
The Rth
j-a of the PBL 3770A can be
reduced by soldering the ground pins to
a suitable copper ground plane on the
printed circuit board (see figure 14) or by
applying an external heatsink type V7 or
V8, see figure 14.
The diagram in figure 13 shows the
maximum permissible power dissipation
versus the ambient temperature in
°C,
for heatsinks of the type V7, V8, or a 20
cm
2 copper area respectively. Any
external heatsink or printed circuit board
copper must be connected to electrical
ground.
For motor currents higher than approx
600 mA, some form of heatsinking is
recommended to assure optimal
reliability.
The diagrams in figures 12 and 13 can
be used to determine the required
heatsinking of the circuit. In some
systems, forced-air cooling may be
available to reduce the temperature rise
of the circuit.
Applications Information
Motor selection
Some stepper motors are not designed
for continuous operation at maximum
current. As the circuit drives a constant
current through the motor, its tempera-
ture can increase, both at low- and high-
speed operation.
Some stepper motors have such high
core losses that they are not suited for
switched-mode operation.
Figure 5. Motor current (I
M ),
Vertical : 200 mA/div,
Horizontal: 1 ms/div,
expanded part 100
µs/div.
Figure 6. Output stage with current paths
for fast and slow current decay.
Figure 7. Principal operating sequence.
0
200 mA/div
1 ms/div
100
µs/div
Fast Current Decay
Slow Current Decay
Motor Current
Time
1
2
3
3
2 1
External recirculation
diodes
R
S
I
0A
I
1A
Ph
A
Ph
B
I
0B
I
1B
I
MA
I
MB
100%
–100%
60%
–60%
20%
–20%
100%
–100%
60%
–60%
Half step mode at 100 %
Full step mode at 60 %
Stand by mode
at 20 %
Full step position
Half step position


Similar Part No. - PBL3770AQNT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3771 ERICSSON-PBL3771 Datasheet
154Kb / 8P
   Precision Stepper Motor Driver
PBL3771-1 ERICSSON-PBL3771-1 Datasheet
154Kb / 8P
   Precision Stepper Motor Driver
PBL3771/1NS ERICSSON-PBL3771/1NS Datasheet
154Kb / 8P
   Precision Stepper Motor Driver
PBL3771/1QNS ERICSSON-PBL3771/1QNS Datasheet
154Kb / 8P
   Precision Stepper Motor Driver
PBL3771/1QNT ERICSSON-PBL3771/1QNT Datasheet
154Kb / 8P
   Precision Stepper Motor Driver
More results

Similar Description - PBL3770AQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3770A TI-UC3770A Datasheet
71Kb / 3P
[Old version datasheet]   High Performance Stepper Motor Drive Circuit
UC3770A TI1-UC3770A_13 Datasheet
101Kb / 6P
[Old version datasheet]   High Performance Stepper Motor Drive Circuit
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com