Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1715U Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1715U
Description  Dual Voltage Output CMOS Delta-Sigma DIGITAL-TO-ANALOG CONVERTER With On-Chip Digital Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1715U Datasheet(HTML) 6 Page - Burr-Brown (TI)

  PCM1715U Datasheet HTML 1Page - Burr-Brown (TI) PCM1715U Datasheet HTML 2Page - Burr-Brown (TI) PCM1715U Datasheet HTML 3Page - Burr-Brown (TI) PCM1715U Datasheet HTML 4Page - Burr-Brown (TI) PCM1715U Datasheet HTML 5Page - Burr-Brown (TI) PCM1715U Datasheet HTML 6Page - Burr-Brown (TI) PCM1715U Datasheet HTML 7Page - Burr-Brown (TI) PCM1715U Datasheet HTML 8Page - Burr-Brown (TI) PCM1715U Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PCM1715U
6
®
0
–100
–120
–140
–160
0
5
10
15
20
Frequency (kHz)
0
–100
–120
–140
–160
0
5
10
15
20
Frequency (kHz)
THEORY OF
DELTA-SIGMA OPERATION
The delta-sigma section of the PCM1715 is based on a 5-
level amplitude quantizer and a 4th-order filter. This con-
verts the oversampled 16-bit input data to 5-level delta-
sigma form. A block diagram of the 5-level modulator is
shown in Figure 1.
FIGURE 3. Quantization Noise Spectrum (256fs).
FIGURE 4. Quantization Noise Spectrum (384fs).
FIGURE 2. Block Diagram of the Hf(z).
A block diagram of the 4th-order filter section Hf(z) in the
delta-sigma modulator is shown in Figure 2.
In general, high order 1-bit delta-sigma modulators have
disadvantages due to loop instability. The 5 level delta-
sigma modulator of the PCM1715 uses phase compensation
techniques to obtain stable operation. In Figure 2, the coef-
ficients, b1 to b4, give the basic form of the filter and –a1
and –a2 are used for phase compensation of the feedback
loop.
The theoretical quantization noise performance of the 5-
level delta-sigma modulator is shown in Figures 3 and 4. In
the audio band, the quantization noise floor level of the
PCM1715 is less than –130dB (384fs).
MODE OF OPERATION
Serial inputs to MD, MC, and ML (Pins 26, 27 and 28)
control the following functions:
(1) Digital Attenuator [AL0 ~ AL7, AR0 ~ AR7]
Attenuation data is constructed by 8-bit/Lch, 8-bit/Rch
(total 16-bit), can be controlled as 255 step attenuation
by individual channel. AL0 and AR0 are LSB, and AL7
and AR7 are MSB. Attenuation Level ATT is given by:
ATT = 20LOG10 (ATT DATA/255) [dB]
FIGURE 1. Block Diagram of 5-Level Delta-Sigma Quan-
tizer.
This 5-level delta-sigma modulator has the advantage of
stability of delta-sigma loop and jitter sensitivity over the
typical 1-bit (2-level) delta-sigma modulator.
The combined oversampling rate of the delta-sigma modu-
lator and the internal 8x oversampling digital filter is 48fs at
a system clock speed of 384fs, 32fs at a system clock speed
of 256fs.
In
Out
+
+
+
4
3
2
1
0
Hf(Z)
5-level Quantizer
32fs/48fs
5-level
8fs/
16 bits
Out
In
–a1
Z–1
Z–1
Z–1
Z–1
b4
b3
b2
b1
–a2
++
++
+
++
+


Similar Part No. - PCM1715U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710 BURR-BROWN-PCM1710 Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1712 BURR-BROWN-PCM1712 Datasheet
101Kb / 16P
   DIGITAL-TO-ANALOG CONVERTER
PCM1712U BURR-BROWN-PCM1712U Datasheet
101Kb / 16P
   DIGITAL-TO-ANALOG CONVERTER
PCM1716 BURR-BROWN-PCM1716 Datasheet
222Kb / 14P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1715U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
logo
Cirrus Logic
CS5471 CIRRUS-CS5471 Datasheet
356Kb / 14P
   DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com