Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1640CT Datasheet(PDF) 5 Page - ON Semiconductor

Part # MUR1640CT
Description  SWITCHMODE Power Rectifiers (ULTRAFAST RECTIFIERS 8.0 AMPERES 100-600 VOLTS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR1640CT Datasheet(HTML) 5 Page - ON Semiconductor

  MUR1640CT Datasheet HTML 1Page - ON Semiconductor MUR1640CT Datasheet HTML 2Page - ON Semiconductor MUR1640CT Datasheet HTML 3Page - ON Semiconductor MUR1640CT Datasheet HTML 4Page - ON Semiconductor MUR1640CT Datasheet HTML 5Page - ON Semiconductor MUR1640CT Datasheet HTML 6Page - ON Semiconductor MUR1640CT Datasheet HTML 7Page - ON Semiconductor MUR1640CT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MUR1610CT, MUR1615CT, MUR1620CT, MUR1640CT, MUR1660CT
http://onsemi.com
5
MUR1660CT
Figure 11. Typical Forward Voltage, Per Leg
vF, INSTANTANEOUS VOLTAGE (VOLTS)
1.0
0.6
1.2
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
3.0
0.5
5.0
50
1.4
VR, REVERSE VOLTAGE (VOLTS)
100
200
400
40
80
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 150°C
300
600
Figure 12. Typical Reverse Current, Per Leg*
TA, AMBIENT TEMPERATURE (°C)
020
2.0
3.0
0
6.0
7.0
8.0
9.0
10
40
60
80
100 120 140 160 180 200
TC, CASE TEMPERATURE (°C)
140
155
150
0
2.0
1.0
3.0
5.0
4.0
10
7.0
6.0
145
180
Figure 13. Current Derating, Case, Per Leg
Figure 14. Current Derating, Ambient, Per Leg
0
2.0
1.0
2.0
3.0
4.0
14
0
4.0
6.0
8.0
10
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 15. Power Dissipation, Per Leg
0.8
0.7
10
70
1.6
1.8
100°C
TJ = 150°C
25°C
500
0.08
0.04
0.02
100°C
25°C
160
175
170
165
9.0
8.0
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these same curves if VR is sufficiently below
rated VR.
SQUARE WAVE
dc
TJ = 175°C
dc
SQUARE WAVE
1.0
3.0
5.0
7.0
9.0
5.0
6.0
7.0
8.0
9.0
RATED VR APPLIED
SQUARE WAVE
dc
SQUARE WAVE
dc
0.4
RqJA = 16°C/W
RqJA = 60°C/W
(NO HEAT SINK)
10
11
12
13
1.0
4.0
5.0
400
800
200


Similar Part No. - MUR1640CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1640CT MOTOROLA-MUR1640CT Datasheet
153Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Foshan Blue Rocket Elec...
MUR1640CT FOSHAN-MUR1640CT Datasheet
818Kb / 6P
   Ultrafast Recovery Diode in a TO-220 Plastic Package
logo
Kersemi Electronic Co.,...
MUR1640CT KERSEMI-MUR1640CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
RFE international
MUR1640CT RFE-MUR1640CT Datasheet
2Mb / 3P
   Ultra-Fast Recovery Recifier Diodes MUR1640CT 8A x 2 FRED
09-08-2020
logo
Sangdest Microelectroni...
MUR1640CT SMC-MUR1640CT Datasheet
214Kb / 6P
   ULTRAFAST PLASTIC RECTIFIER
More results

Similar Description - MUR1640CT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
logo
Kersemi Electronic Co.,...
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
MURH860CT ONSEMI-MURH860CT_06 Datasheet
54Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
February, 2006 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT_06 Datasheet
88Kb / 3P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
MURH860CT MOTOROLA-MURH860CT Datasheet
82Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
MURHF860CT MOTOROLA-MURHF860CT Datasheet
50Kb / 2P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com