Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39311B3739H110 Datasheet(PDF) 6 Page - TDK Electronics

Part # B39311B3739H110
Description  SAW Components SAW filter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39311B3739H110 Datasheet(HTML) 6 Page - TDK Electronics

Back Button B39311B3739H110 Datasheet HTML 2Page - TDK Electronics B39311B3739H110 Datasheet HTML 3Page - TDK Electronics B39311B3739H110 Datasheet HTML 4Page - TDK Electronics B39311B3739H110 Datasheet HTML 5Page - TDK Electronics B39311B3739H110 Datasheet HTML 6Page - TDK Electronics B39311B3739H110 Datasheet HTML 7Page - TDK Electronics B39311B3739H110 Datasheet HTML 8Page - TDK Electronics B39311B3739H110 Datasheet HTML 9Page - TDK Electronics B39311B3739H110 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
December 14, 2012
B3739
314.90 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Matching network to 50
Ω (element values depend on pcb layout and equivalent circuit)
Minimising the crosstalk
For a good ultimate rejection a low crosstalk is necessary. Low crosstalk can be realised with a good
RF layout. The major crosstalk mechanism is caused by the “ground-loop” problem.
Grounding loops are created if input-and output transducer GND are connected on the top-side of
the PCB and fed to the system grounding plane by a common via hole. To avoid the common
ground path, the ground pin of the input- and output transducer are fed to the system ground plane
(bottom PCB plane) by their own via hole. The transducers’ grounding pins should be isolated from
the upper grounding plane.
A common GND inductivity of 0.5nH degrades the ultimate rejection (crosstalk) by 20dB.
The optimised PCB layout, including matching network for transformation to 50 Ohm, is shown
here. In this PCB layout the grounding loops are minimised to realise good ultimate rejection
Optimised PCB layout for SAW filters in DCC6E package, pinning 1,4 (top side, scale 1:1)
The bottom side is a copper plane (system ground area). The input and output grounding pins are
isolated and connected to the common ground by separated via holes.
For good contact of the upper grounding area with the lower side it is necessary to place enough
via holes.
Cp1 = 2.7 pF
Ls2 = 82 nH
Ls3 = 82 nH
Cp4 = 2.7 pF


Similar Part No. - B39311B3739H110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39311B3739H110 EPCOS-B39311B3739H110 Datasheet
93Kb / 11P
   SAW filter Short range devices
More results

Similar Description - B39311B3739H110

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39162B3923U410 TDK-B39162B3923U410 Datasheet
121Kb / 8P
   SAW Components SAW filter
B39431B3933H110 TDK-B39431B3933H110 Datasheet
110Kb / 10P
   SAW Components SAW filter
B39431B3743H110 TDK-B39431B3743H110 Datasheet
111Kb / 10P
   SAW Components SAW filter
B39431B3748H110 TDK-B39431B3748H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39311B3713U410 TDK-B39311B3713U410 Datasheet
86Kb / 8P
   SAW Components SAW filter
B39321B3719H110 TDK-B39321B3719H110 Datasheet
98Kb / 9P
   SAW Components SAW filter
B39321B3741H110 TDK-B39321B3741H110 Datasheet
112Kb / 10P
   SAW Components SAW filter
B39451B3737H110 TDK-B39451B3737H110 Datasheet
126Kb / 11P
   SAW Components SAW filter
B39262B8804P810 TDK-B39262B8804P810 Datasheet
119Kb / 8P
   SAW Components SAW filter
B39242B3912U410 TDK-B39242B3912U410 Datasheet
97Kb / 9P
   SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com