Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F1222IDW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F1222IDW
Description  MIXED SIGNAL MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F1222IDW Datasheet(HTML) 5 Page - Texas Instruments

  MSP430F1222IDW Datasheet HTML 1Page - Texas Instruments MSP430F1222IDW Datasheet HTML 2Page - Texas Instruments MSP430F1222IDW Datasheet HTML 3Page - Texas Instruments MSP430F1222IDW Datasheet HTML 4Page - Texas Instruments MSP430F1222IDW Datasheet HTML 5Page - Texas Instruments MSP430F1222IDW Datasheet HTML 6Page - Texas Instruments MSP430F1222IDW Datasheet HTML 7Page - Texas Instruments MSP430F1222IDW Datasheet HTML 8Page - Texas Instruments MSP430F1222IDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
MSP430x11x2, MSP430x12x2
MIXED SIGNAL MICROCONTROLLER
SLAS361C − JANUARY 2002 − REVISED DECEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions, MSP430x11x2
TERMINAL
TERMINAL
I/O
DESCRIPTION
NAME
DW & PW
RHB
I/O
DESCRIPTION
NAME
DW & PW
RHB
I/O
DESCRIPTION
P1.0/TACLK/
ADC10CLK
13
21
I/O
General-purpose digital I/O pin/Timer_A, clock signal TACLK input/conversion
clock—10-bit ADC
P1.1/TA0
14
22
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI0A input, compare: Out0
output/BSL transmit
P1.2/TA1
15
23
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI1A input, compare: Out1 output
P1.3/TA2
16
24
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI2A input, compare: Out2 output
P1.4/SMCLK/TCK
17
25
I/O
General-purpose digital I/O pin/SMCLK signal output/test clock, input terminal for
device programming and test
P1.5/TA0/TMS
18
26
I/O
General-purpose digital I/O pin/Timer_A, compare: Out0 output/test mode select, input
terminal for device programming and test
P1.6/TA1/TDI/TCLK
19
27
I/O
General-purpose digital I/O pin/Timer_A, compare: Out1 output/test data input terminal
or test clock input
P1.7/TA2/TDO/TDI†
20
28
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output/test data output
terminal or data input during programming
P2.0/ACLK/A0
8
6
I/O
General-purpose digital I/O pin/ACLK output/analog input to 10-bit ADC input A0
P2.1/INCLK/A1
9
7
I/O
General-purpose digital I/O pin/Timer_A, clock signal at INCLK/analog input to 10-bit
ADC input A1
P2.2/TA0/A2
10
8
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI0B input, compare: Out0
output/analog input to 10-bit ADC input A2/BSL receive
P2.3/TA1/A3/VREF−/
VeREF−
11
18
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI1B input, compare: Out1
output/analog input to 10-bit ADC input A3/negative reference voltage terminal.
P2.4/TA2/A4/VREF+/
VeREF+
12
19
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output/analog input to 10-bit
ADC input A4/I/O of positive reference voltage terminal
P2.5/ROSC
3
32
I/O
General-purpose digital I/O pin/Input for external resistor that defines the DCO nominal
frequency
RST/NMI
7
5
I
Reset or nonmaskable interrupt input
TEST
1
29
I
Selects test mode for JTAG pins on P1.x
VCC
2
30
Supply voltage
VSS
4
1
Ground reference
XIN
6
3
I
Input terminal of crystal oscillator
XOUT
5
2
O
Output terminal of crystal oscillator
NC
NA
4,9-16,
17,20,31
No connect. Recommended connection to VSS to avoid floating nodes, otherwise
increased current consumption may occur.
† TDO or TDI is selected via JTAG instruction.


Similar Part No. - MSP430F1222IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F1222IDW TI-MSP430F1222IDW Datasheet
917Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1222IDW TI-MSP430F1222IDW Datasheet
1Mb / 49P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1222IDW TI-MSP430F1222IDW Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1222IDW TI1-MSP430F1222IDW Datasheet
1Mb / 57P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1222IDW TI1-MSP430F1222IDW Datasheet
895Kb / 48P
[Old version datasheet]   MIXED SINGNAL MICROCONTROLLER
More results

Similar Description - MSP430F1222IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com