Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17F-2 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CNY17F-2
Description  DC Input 6-Pin Phototransistor Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CNY17F-2 Datasheet(HTML) 3 Page - CT Micro International Corporation

  CNY17F-2 Datasheet HTML 1Page - CT Micro International Corporation CNY17F-2 Datasheet HTML 2Page - CT Micro International Corporation CNY17F-2 Datasheet HTML 3Page - CT Micro International Corporation CNY17F-2 Datasheet HTML 4Page - CT Micro International Corporation CNY17F-2 Datasheet HTML 5Page - CT Micro International Corporation CNY17F-2 Datasheet HTML 6Page - CT Micro International Corporation CNY17F-2 Datasheet HTML 7Page - CT Micro International Corporation CNY17F-2 Datasheet HTML 8Page - CT Micro International Corporation CNY17F-2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 3
Feb, 2014
CNY17-1, CNY17-2, CNY17-3, CNY17-4
CNY17F-1, CNY17F-2, CNY17F-3, CNY17F-4
DC Input 6-Pin Phototransistor Optocoupler
Electrical Characteristics T
A = 25°C (unless otherwise specified)
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF=10mA
1.24
1.4
V
IR
Reverse Current
VR = 6V
-
-
5
µA
CIN
Input Capacitance
f= 1MHz
-
20
-
pF
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
BVCEO
Collector-Emitter Breakdown
IC= 0.1mA
80
-
-
V
BVECO
Emitter-Collector Breakdown
IE= 0.1mA
7
-
-
V
BVCBO
Collector-Base
Breakdown
CNY17-1/2/3/4
IC= 0.1mA
80
-
-
V
BVEBO
Emitter-Base
Breakdown
IE= 0.1mA
7
-
-
V
ICEO
Collector-Emitter Dark Current
VCE= 10V, IF=0mA
-
-
50
nA
ICBO
Collector-Base
Dark Current
CNY17-1/2/3/4
VCB= 10V, IF=0mA
-
-
20
nA
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CTR
Current
Transfer
Ratio
CNY17-1,CNY17F-1
IF= 10mA, VCE= 5V
40
-
80
%
CNY17-2,CNY17F-2
63
-
125
CNY17-3,CNY17F-3
100
-
200
CNY17-4,CNY17F-4
160
-
320
CNY17-1,CNY17F-1
IF= 1mA, VCE= 5V
13
-
-
CNY17-2,CNY17F-2
22
-
-
CNY17-3,CNY17F-3
34
-
-
CNY17-4,CNY17F-4
56
-
-
VCE(SAT)
Collector- Emitter Saturation
Voltage
IF= 10mA, IC= 2.5mA
-
-
0.3
V
RIO
Isolation Resistance
VIO= 500VDC
1x1011
-
-
CIO
Isolation Capacitance
f= 1MHz
-
0.25
-
pF


Similar Part No. - CNY17F-2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17F-2 QT-CNY17F-2 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
Lite-On Technology Corp...
CNY17F-2 LITEON-CNY17F-2 Datasheet
171Kb / 9P
   High collector-emitter voltage
logo
Fairchild Semiconductor
CNY17F-2 FAIRCHILD-CNY17F-2 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
List of Unclassifed Man...
CNY17F-2 ETC1-CNY17F-2 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17F-2 FAIRCHILD-CNY17F-2 Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
More results

Similar Description - CNY17F-2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
4N25 CTMICRO-4N25 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
CT827 CTMICRO-CT827 Datasheet
715Kb / 12P
   DC Input 8-Pin Phototransistor Optocoupler
CT817 CTMICRO-CT817 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT851 CTMICRO-CT851 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT451 CTMICRO-CT451 Datasheet
1Mb / 12P
   DC Input 4-Pin Phototransistor Optocoupler
CT816 CTMICRO-CT816 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
logo
List of Unclassifed Man...
4N2X ETC2-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC1-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com