Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM53-20710V Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HM53-20710V
Description  High Power Low Cost Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM53-20710V Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HM53-20710V Datasheet HTML 1Page - List of Unclassifed Manufacturers HM53-20710V Datasheet HTML 2Page - List of Unclassifed Manufacturers HM53-20710V Datasheet HTML 3Page - List of Unclassifed Manufacturers HM53-20710V Datasheet HTML 4Page - List of Unclassifed Manufacturers HM53-20710V Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6
6-97
Model HM53 Series
Seating Plane
Recommended Solder Pad Layout
"OD"
"OD"
"HT"
"X"
Ref.
Typ.
"X"
Ref.
Typ.
ø "H
±0.1"
0.197/5.0
Ref.
"T"
Typ.
Max.
Max.
Ref.
Max.
OUTLINE DIMENSIONS (Inch/mm)
Seating Plane
Recommended Solder Pad Layout
"OD"
"OD"
"Y"
Ref.
"T" Typ.
"Y"
Ref.
Typ.
ø "H
±0.1"
"HT"
".197/5.0"
Ref.
Max.
Max.
Max.
Typ.
Ref.
Figure 1 - Vertical Mount
Figure 2 - Horizontal Mount
HM53
10
8R0
V
Model Series
Body Style
Mounting Style:
V = Vertical Mounting
H = Horizontal Mounting
Inductance Code:
1st two digits are significant.
Last digit denotes number of
trailing zeros. Values below
10
µH "R" denotes decimal point.
ORDERING INFORMATION


Similar Part No. - HM53-20710V

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM53-20710_LF TTELEC-HM53-20710_LF Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53-20710_LFH BITECH-HM53-20710_LFH Datasheet
1Mb / 4P
   High Power Low Cost Inductors
HM53-20710_LFV BITECH-HM53-20710_LFV Datasheet
1Mb / 4P
   High Power Low Cost Inductors
HM53-20710_LFVorH BITECH-HM53-20710_LFVorH Datasheet
1Mb / 4P
   High Power Low Cost Inductors
More results

Similar Description - HM53-20710V

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53_15 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Nuvotem Talema
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
   Low Cost Power Inductors
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
HM71 BITECH-HM71_15 Datasheet
648Kb / 2P
   High Performance Low Cost Surface Mount Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com