Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VEFT1-S12-S15-SMT Datasheet(PDF) 1 Page - CUI INC

Part # VEFT1-S12-S15-SMT
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VEFT1-S12-S15-SMT Datasheet(HTML) 1 Page - CUI INC

  VEFT1-S12-S15-SMT Datasheet HTML 1Page - CUI INC VEFT1-S12-S15-SMT Datasheet HTML 2Page - CUI INC VEFT1-S12-S15-SMT Datasheet HTML 3Page - CUI INC VEFT1-S12-S15-SMT Datasheet HTML 4Page - CUI INC VEFT1-S12-S15-SMT Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 07/01/2013
page 1 of 5
SERIES: VEFT1-S-SMT
│ DESCRIPTION: DC-DC CONVERTER
date 07/01/2013
page 1 of 5
FEATURES
• 1 W isolated output
• industry standard 12 pin SMT package
• single unregulated outputs
• 3,000 V isolation
• short circuit protection
• UL safety approvals (some models)
• wide temperature (-40~85°C)
• efficiency up to 81%
RoHS
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
VEFT1-S3.3-S3.3-SMT
3.3
3.00~3.60
3.3
30
300
1
100
72
VEFT1-S3.3-S5-SMT
3.3
3.00~3.60
5
20
200
1
100
73
VEFT1-S5-S5-SMT
5
4.5~5.5
5
20
200
1
100
70
VEFT1-S5-S9-SMT
5
4.5~5.5
9
12
111
1
100
75
VEFT1-S5-S12-SMT
5
4.5~5.5
12
9
83
1
100
78
VEFT1-S5-S15-SMT
5
4.5~5.5
15
7
67
1
100
80
VEFT1-S12-S3.3-SMT
12
10.8~13.2
3.3
30
300
1
100
75
VEFT1-S12-S5-SMT
12
10.8~13.2
5
20
200
1
100
70
VEFT1-S12-S9-SMT
12
10.8~13.2
9
12
111
1
100
76
VEFT1-S12-S12-SMT
12
10.8~13.2
12
9
83
1
100
79
VEFT1-S12-S15-SMT
12
10.8~13.2
15
7
67
1
100
81
VEFT1-S24-S3.3-SMT
24
21.6~26.4
3.3
30
300
1
100
73
VEFT1-S24-S5-SMT
24
21.6~26.4
5
20
200
1
100
79
VEFT1-S24-S9-SMT
24
21.6~26.4
9
12
111
1
100
80
VEFT1-S24-S12-SMT
24
21.6~26.4
12
9
83
1
100
81
VEFT1-S24-S15-SMT
24
21.6~26.4
15
7
67
1
100
79
VEFT1-S24-S24-SMT
24
21.6~26.4
24
5
42
1
100
80
Notes:
1. ripple and noise are measured at 20 MHz BW
VEFT1 - SXX - SXX -SMT - X
Input Voltage
Output Voltage
Base Number
Packaging Style
Package Options
"blank" = standard
TR = Tape & Reel
For more information, please visit the product page.


Similar Part No. - VEFT1-S12-S15-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VEFT1-S12-S15-SMT CUI-VEFT1-S12-S15-SMT Datasheet
223Kb / 3P
   single output series dc-dc converter
More results

Similar Description - VEFT1-S12-S15-SMT

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com