Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHD1-S12-S12-DIP Datasheet(PDF) 3 Page - CUI INC

Part # VHD1-S12-S12-DIP
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHD1-S12-S12-DIP Datasheet(HTML) 3 Page - CUI INC

  VHD1-S12-S12-DIP Datasheet HTML 1Page - CUI INC VHD1-S12-S12-DIP Datasheet HTML 2Page - CUI INC VHD1-S12-S12-DIP Datasheet HTML 3Page - CUI INC VHD1-S12-S12-DIP Datasheet HTML 4Page - CUI INC VHD1-S12-S12-DIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VHD1-DIP │ DESCRIPTION: DC-DC CONVERTER
date 01/13/2014
│ page 3 of 5
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
32.30 x 14.70 x 9.40 (0.768 x 0.396 x 0.492 inch)
mm
case material
plastic (UL94-V0)
weight
4.2
g
Top View
Side View
Layout
0.65
27.94
4.00
9.40
32.30
14.70
1
13
29
12
10 11
24 23
17 16 15 14
8
24 23
17 16 151413
2.54
2.54
12
89 101112
1.00 + 0.15 / - 0
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
FUNCTION
1
+Vin
2
-Vin
8
NC
10
-Vout
12
+Vout
13
+Vout
15
-Vout
17
NC
units: mm
tolerance: ±0.25
pin section tolerance: ±0.10 mm
Ambient Temperature(  )
DERATING CURVES
1. output power vs. ambient temperature
2. output voltage vs. output current
100
80
60
40
20
Ambient Temperature (°C)
-40-20
020406071
85
100
120
For more information, please visit the product page.


Similar Part No. - VHD1-S12-S12-DIP

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VHD144 VAISH-VHD144 Datasheet
130Kb / 5P
   Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
VHD144T20KTCR2AAB VAISH-VHD144T20KTCR2AAB Datasheet
130Kb / 5P
   Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
VHD144T20KTCR2ABB VAISH-VHD144T20KTCR2ABB Datasheet
130Kb / 5P
   Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
VHD144T20KTCR2ADB VAISH-VHD144T20KTCR2ADB Datasheet
130Kb / 5P
   Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
VHD144T20KTCR2AFB VAISH-VHD144T20KTCR2AFB Datasheet
130Kb / 5P
   Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
More results

Similar Description - VHD1-S12-S12-DIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com