Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHE100W-Q24-S5 Datasheet(PDF) 2 Page - CUI INC

Part # VHE100W-Q24-S5
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHE100W-Q24-S5 Datasheet(HTML) 2 Page - CUI INC

  VHE100W-Q24-S5 Datasheet HTML 1Page - CUI INC VHE100W-Q24-S5 Datasheet HTML 2Page - CUI INC VHE100W-Q24-S5 Datasheet HTML 3Page - CUI INC VHE100W-Q24-S5 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VHE100W │ DESCRIPTION: DC-DC CONVERTER
date 02/14/2013
│ page 2 of 4
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 V input
48 V input
9
18
24
48
36
75
Vdc
Vdc
surge voltage
100 ms max. 24 V input
48 V input
50
100
Vdc
Vdc
under voltage lockout
power up
power down
24 V input
48 V input
24 V input
48 V input
8.8
17
8
16
Vdc
Vdc
Vdc
Vdc
positive logic remote on/off1
filter
PI type
Notes:
1. logic compatibility, open collector ref to -input
Module ON, 3.5 ~ 75 Vdc or open circuit
Module OFF, <1.2 Vdc
2. negative logic remote on/off available
Module ON, <1.2 Vdc current limit, 110~165% nominal output
Module OFF, 3.5 ~ 75 Vdc or open circuit
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
measured from high line to low line
±0.2
%
load regulation
measured from full load to zero load
±0.2
%
voltage accuracy
±1.5
%
transient response
25% step load change
500
µs
adjustability
±10
%
switching frequency
100% load, input voltage range
250
kHz
temperature coefficient
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
%Vo
115
140
%
short circuit protection
continuous
current limit
% nominal output current
110
140
%
thermal shutdown case temp.
105
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
input to case
output to case
1,500
1,500
1,500
Vdc
Vdc
Vdc
isolation resistance
10
MΩ
isolation capacitance
1,000
pF
safety approvals
UL 60950-1, CE
RoHS compliant
yes
MTBF
MIL-STD-217F, GB, 25°C, full load
TBD
hours
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
case operating temperature
-40
105
°C
storage temperature
-55
105
°C
humidity
non-condensing
95
%
For more information, please visit the product page.


Similar Part No. - VHE100W-Q24-S5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VHE1403 ETC-VHE1403 Datasheet
64Kb / 2P
   12 AMP SUPER EFFICIENT RECTIFIERS
logo
Microsemi Corporation
VHE1404 MICROSEMI-VHE1404 Datasheet
121Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - VHE100W-Q24-S5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com