Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFB600-D24-S28 Datasheet(PDF) 3 Page - CUI INC

Part # VFB600-D24-S28
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFB600-D24-S28 Datasheet(HTML) 3 Page - CUI INC

  VFB600-D24-S28 Datasheet HTML 1Page - CUI INC VFB600-D24-S28 Datasheet HTML 2Page - CUI INC VFB600-D24-S28 Datasheet HTML 3Page - CUI INC VFB600-D24-S28 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VFB600 │ DESCRIPTION: DC-DC CONVERTER
date 04/01/2013
│ page 3 of 4
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
case operating temperature
-40
100
°C
storage temperature
-55
105
°C
humidity
non-condensing
95
%
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
4.60 x 2.40 x 0.50 (116.8 x 61.0 x 12.7 mm)
inch
case material
aluminum baseplate with plastic case
weight
260
g
MECHANICAL DRAWING
85.06 3.349
88.87 3.499
92.68 3.649
96.49 3.799
100.30 3.949
1.701
43.20
57.17 2.251
50.80 2.000
35.56 1.400
22.86 0.900
10.16 0.400
106.70 4.201
5.05 0.199
19.07 0.751
22.88 0.901
33.04 1.301
104.11 4.099
SPECIFIED
±0.3mm UNLESS OTHERWISE
TOLERANCE:
2
2.06 0.081
(8 PLCS)
(8 PLCS)
1.02 0.040
3.50
(4 PLCS)
THROUGH HOLE
0.138
61.00 2.402
9
1
4
5
6
10
3
7
8
12.70 0.500
4.598
116.80
7.20 0.283
(TYP)
PIN CONNECTIONS
PIN
FUNCTION
1
-Vin
2
+Vin
3
-On/Off
4
+On/Off
5 ~ 7
+Vo
8 ~ 10
-Vo
11
-S
12
+S
13
TRIM
14
PC/NC
15
IOC
16
AUX
All dimensions in mm(inches):
Note:
All specifications measured at 25°C, nominal input voltage, and full load unless otherwise noted.
For more information, please visit the product page.


Similar Part No. - VFB600-D24-S28

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFB600-D24-S28 CUI-VFB600-D24-S28 Datasheet
6Mb / 12P
   DC-DC CONVERTER
09/14/2021
More results

Similar Description - VFB600-D24-S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com