Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRS-240 Datasheet(PDF) 6 Page - CUI INC

Part # VDRS-240
Description  AC-DC DIN RAIL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VDRS-240 Datasheet(HTML) 6 Page - CUI INC

  VDRS-240 Datasheet HTML 1Page - CUI INC VDRS-240 Datasheet HTML 2Page - CUI INC VDRS-240 Datasheet HTML 3Page - CUI INC VDRS-240 Datasheet HTML 4Page - CUI INC VDRS-240 Datasheet HTML 5Page - CUI INC VDRS-240 Datasheet HTML 6Page - CUI INC VDRS-240 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date
01/17/2013 │ page 6 of 7
CUI Inc
│ SERIES: VDRS-240 │ DESCRIPTION: AC-DC DIN RAIL
DERATING CURVE
Ambient temperature (°C)
-25
40
50
40
60
100
80
125
150
60
100
80
40
60
20
0
88
Input Voltage (Vac) 60 Hz
264
100
Output power vs. Ambient temperature
Output power vs. Input Voltage
110
120
0
10
20
30
70
112.5
for 3 sec. typ.
continuous
50
ACTIVE DC SIGNAL - RELAY CONTACT
Contact Close
When the output voltage reaches the adjusted output voltage
Contact Open
When the output voltage drops below 45%
Contact Ratings (MAX)
30 V / 1 A resistive load
Note:
1. Derating may be needed under low input voltage. Please check the derating curve for more details.
REMOTE ON/OFF
The power supply can be turned on/off by using the “remote control” function.
12 3 4 5 6
Relay Contact
DC ON
+V
ADJ.
+
SW1
SW2
ON
OFF
CN2
SW
External Power Source
I=6~20mA
SW2
INH+(3 PIN)/INH-(4 PIN)
Output Status
off
SW ON (>2.5 V)
ENABLE
off
SW OFF (<0.8 V)
DISABLE
on
SW ON (>2.5 V)
DISABLE
on
SW OFF (<0.8 V)
ENABLE
(default setting)
For more information, please visit the product page.


Similar Part No. - VDRS-240

ManufacturerPart #DatasheetDescription
logo
CUI INC
VDRS-20 CUI-VDRS-20 Datasheet
186Kb / 4P
   20 W MINI POWER SUPPLY
VDRS-20 CUI-VDRS-20 Datasheet
378Kb / 4P
   AC-DC DIN RAIL
08/23/2012
VDRS-20-12 CUI-VDRS-20-12 Datasheet
186Kb / 4P
   20 W MINI POWER SUPPLY
VDRS-20-12 CUI-VDRS-20-12 Datasheet
378Kb / 4P
   AC-DC DIN RAIL
08/23/2012
VDRS-20-15 CUI-VDRS-20-15 Datasheet
186Kb / 4P
   20 W MINI POWER SUPPLY
More results

Similar Description - VDRS-240

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRF50US24-N1 XPPOWER-DRF50US24-N1 Datasheet
170Kb / 2P
   AC-DC DIN Rail
logo
CUI INC
VDRS-100 CUI-VDRS-100_V01 Datasheet
592Kb / 4P
   AC-DC DIN RAIL
01/10/2017
VDRS-20 CUI-VDRS-20_V01 Datasheet
378Kb / 4P
   AC-DC DIN RAIL
08/23/2012
VDRS-60 CUI-VDRS-60_V01 Datasheet
347Kb / 4P
   AC-DC DIN RAIL
08/23/2012
VDRS-150 CUI-VDRS-150 Datasheet
328Kb / 7P
   AC-DC DIN RAIL
logo
Arch Electronics Corp.
ADF120 ARCH-ADF120_16 Datasheet
131Kb / 2P
   AC-DC Din Rail Power Supply
logo
CUI INC
PDRB-300 CUI-PDRB-300_V01 Datasheet
591Kb / 6P
   AC-DC DIN RAIL POWER SUPPLY
08/04/2020
PDRC-10 CUI-PDRC-10 Datasheet
424Kb / 6P
   AC-DC DIN RAIL POWER SUPPLY
PDRB-300 CUI-PDRB-300 Datasheet
583Kb / 6P
   AC-DC DIN RAIL POWER SUPPLY
PDRB-75 CUI-PDRB-75_V01 Datasheet
611Kb / 6P
   AC-DC DIN RAIL POWER SUPPLY
11/23/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com